Electronic Components Datasheet Search
  English  ▼

X  

CS42448 Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS42448
Description  108 dB, 192 kHz 6-in, 8-out CODEC
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42448 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS42448 Datasheet HTML 2Page - Cirrus Logic CS42448 Datasheet HTML 3Page - Cirrus Logic CS42448 Datasheet HTML 4Page - Cirrus Logic CS42448 Datasheet HTML 5Page - Cirrus Logic CS42448 Datasheet HTML 6Page - Cirrus Logic CS42448 Datasheet HTML 7Page - Cirrus Logic CS42448 Datasheet HTML 8Page - Cirrus Logic CS42448 Datasheet HTML 9Page - Cirrus Logic CS42448 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 70 page
background image
6
DS648PP2
LIST OF TABLES
Table 1. I/O Power Rails ........................................................................................................................ 8
Table 2. Single-Speed Mode Common Frequencies ........................................................................... 31
Table 3. Double-Speed Mode Common Frequencies ......................................................................... 31
Table 4. Quad-Speed Mode Common Frequencies ............................................................................ 31
Table 5. I²S, LJ, RJ Clock Ratios ......................................................................................................... 32
Table 6. OLM#1 Clock Ratios .............................................................................................................. 32
Table 7. OLM#2 Clock Ratios .............................................................................................................. 32
Table 8. TDM Clock Ratios .................................................................................................................. 32
Table 9. Serial Audio Interface Channel Allocations............................................................................ 35
Table 10. MCLK Frequency Settings for I²S, Left and Right Justified Interface Formats .................... 45
Table 11. MCLK Frequency Settings for TDM & OLM Interface Formats ........................................... 46
Table 12. DAC Digital Interface Formats ............................................................................................. 47
Table 13. ADC Digital Interface Formats ............................................................................................. 47
Table 14. Example AOUT Volume Settings......................................................................................... 51
Table 15. Example AIN Volume Settings............................................................................................. 52
Table 16. Revision History ................................................................................................................... 67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com