Electronic Components Datasheet Search
  English  ▼

X  

LX2201 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # LX2201
Description  USB Li-Ion Battery Charger
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX2201 Datasheet(HTML) 3 Page - Microsemi Corporation

  LX2201 Datasheet HTML 1Page - Microsemi Corporation LX2201 Datasheet HTML 2Page - Microsemi Corporation LX2201 Datasheet HTML 3Page - Microsemi Corporation LX2201 Datasheet HTML 4Page - Microsemi Corporation LX2201 Datasheet HTML 5Page - Microsemi Corporation LX2201 Datasheet HTML 6Page - Microsemi Corporation LX2201 Datasheet HTML 7Page - Microsemi Corporation LX2201 Datasheet HTML 8Page - Microsemi Corporation LX2201 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
LX2201
PRODUCTION DATA SHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 3
Copyright
© 2000
Rev. 1.2b, 2005-04-13
USB Li-Ion Battery Charger
TM
®
ELECTRI CAL CHA RACTERI S TI CS
Unless otherwise specified, the following specifications apply over the operating ambient temperature 0
°C
≤ T
A
≤ 70°C except where
otherwise noted and the following test conditions: VDD = 5.0V.
LX2201
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
MAIN CIRCUITRY
Input Voltage
VDD
4.5
6
V
VDD > VBAT
4
8
mA
Quiescent Current
IGND
VDD < VBAT
3
5
µA
CTP Bias Voltage
VCTP
RCTP = 150K, IBAT > 100mA
1.25
V
CCP Bias Voltage
VCCP
1.25
V
CUS Bias Voltage
VCUS
2.6
V
CONSTANT VOLTAGE MODE
VM = Low
4.16
4.2
4.24
Constant Voltage Charge Level
VCVL
VM = High
4.06
4.1
4.14
V
Maximum Dropout Voltage
VIN – VBAT
IBAT = 1A
350
mV
Top Off Charge Droop Threshold
VDRP
96
97
98
BAT
CVL
V
%
V
CONSTANT CURRENT MODE
BAT Constant Current Accuracy
ICCL
RCCP = 64.9K
0.85
1
1.15
A
BAT Constant Current Level
IBAT
VBAT < (VCVL – 100mV)
0.35
2
A
Conditioning Current
ICOND
VBAT < VCTV ; @25°C
3.0
4.75
6.0
BAT
CCL
I
%
I
Conditioning Current Mode
Threshold Voltage
VCTV
60
64
68
BAT
CVL
V
%
V
Charge Termination Current
Accuracy
IBAT
RCTP = 150K ; @25°C
35
50
65
mA
USB CURRENT LIMIT
USB Low Current Limit
IIN
VIN = 5V, VDD < VIN, VID1 = Lo, RUSB = 2.55K
85
93
100
mA
USB High Current Limit
IIN
VIN = 5V, VDD < VIN, VID1 = Hi, RUSB = 2.55K
425
463
500
mA
LOGIC
STAT Logic High Output
VSTAT
VIN = 5.0V, ISTAT = -5mA
4.5
5
V
STAT Logic Low Output
VSTAT
VIN = 5.0V, ISTAT = 25µA
0.4
V
Logic High
2.0
State Select Threshold
VVID
Logic Low
0.8
V
Logic High
2.0
VM Select Threshold
VVM
Logic Low
0.8
V
THERMAL SHUTDOWN
Maximum Junction Temperature
TJ
VIN = 5.0V, IOUT = 1A, Temperature Rising
130
140
150
°C
BI-DIRECTIONAL PASS ELEMENT CONTROL
Discharge Switch On Resistance
RDS(ON)
IBAT = -1A
130
150
m
Ω
Charging Threshold
VCHG
VIN > VBAT + VCHG
0
5
10
mV
Discharging Threshold
VDCH
VIN > VBAT + VDCH
0
5
10
mV
Pass Element Switch Mode Delay
tsw
Charge–to–discharge or Discharge–to–charge
5
µs
PSW FET DRIVER
High Output Voltage
VPSW
VIN < VBAT, IPSW = 0, VBAT = 4.2V
4.1
4.2
V
Low Output Voltage
VPSW
VIN > VBAT, IPSW = 0
0
0.2
V
OR-ing Resistance
RPSW
5
10
15
K
Ω
Switch Delay
(VDD > VBAT to VDD < VBAT)
tPSW
CPSW = 1000pF, to VPSW = (VBAT – 1V)
0
500
1000
Ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com