Electronic Components Datasheet Search
  English  ▼

X  

LX2201 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # LX2201
Description  USB Li-Ion Battery Charger
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX2201 Datasheet(HTML) 1 Page - Microsemi Corporation

  LX2201 Datasheet HTML 1Page - Microsemi Corporation LX2201 Datasheet HTML 2Page - Microsemi Corporation LX2201 Datasheet HTML 3Page - Microsemi Corporation LX2201 Datasheet HTML 4Page - Microsemi Corporation LX2201 Datasheet HTML 5Page - Microsemi Corporation LX2201 Datasheet HTML 6Page - Microsemi Corporation LX2201 Datasheet HTML 7Page - Microsemi Corporation LX2201 Datasheet HTML 8Page - Microsemi Corporation LX2201 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
LX2201
PRODUCTION DATA SHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 1
Copyright
© 2000
Rev. 1.2b, 2005-04-13
USB Li-Ion Battery Charger
TM
®
DESCRI PTI O N
The LX2201 Linear Battery Charger is a
multi-state (2 stage) Li-Ion battery charger
(Constant current / Constant voltage) that
can supply up to 2A of charging current into
a single cell Li-Ion battery.
LX2201 is a cost effective , high perfor-
mance USB battery charger. The LX2201
features a 2A high charge current, with
automatic power savings using isolated
battery topology, user programmability in
USB charging, and an extended battery life
with low RdsON in discharge.
In
USB
mode,
the
LX2201
has
advantages over competition chargers with
the USB Limit Control circuit and low
RdsON in discharge mode. The USB limit
Control circuit allows simultaneous battery
charging while the device is in operation.
The VDD to supply load is independent of
the VBAT charging logic. In discharge mode
a low RdsON provides low loss and heavy
transient.
The LX2201 is a low cost, highly
integrated battery charger solution. . It only
requires three external resistors: one for
setting the constant charge current level, one
for setting the termination charge current,
and one for setting VIN . It also has a built
in thermostat that will throttle back the
charge current to keep the die temperature
from exceeding 150°C; this feature insures
the LX2201 delivers the maximum charge
rate for a given thermal environment.
LX2201 support two types of Li-Ion
battery chemistry; 4.1V and 4.2V through
logical input (VM pin).. A high accuracy
current sensing circuit allows batteries to
be fully charged before terminating the
charge
cycle.
The
LX2201
design
enhances system battery life by avoiding
premature discharge of Li-Ion battery with
a separate battery terminal voltage from
system load when adaptor charging is used,
i.e. trickle charge.
The LX2201 provides a charging status
indicator. The integrated PMOS pass element
features low drop out voltage while providing
an inherent load disconnect with virtually no
drain on the battery when disabled or when
the input power is removed. Additionally a
battery load disconnect switch has been
integrated which provides seamless power
switching when transitioning between charge
and discharge modes.
The
LX2201
features
a
pre-charge
conditioning mode for batteries that have
been deeply discharged and also has a top off
charge mode for batteries that are left on the
charger for extended periods.
The LX2201 is available in a high power
4mm x 4mm, 20-pin MLP, surface mount
package.
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
KEY FEATUR ES
2A Charge Current
USB Compliant Charging States
Low RdsON in Discharge Mode
Power Saving and Conditional
Mode for Deep Discharge
Selectable Li-Ion Battery for 4.1V
or 4.2V Applications
Internal Pass Element Can
Function as a Reverse Direction
Load Switch
No Sense Resistor Required
Full Capacity Charging
True Charge Indicator
Wall Supply Regulator Tolerance
5V + 10%
Built In MOSFET Driver For Easy
AC Adapter/USB Implementation
Topping Charge with Voltage
Monitoring Mode
Inherent Load Disconnect
Small, High Power 20-lead MLP
package
APPLI C ATION S
Batteries with 350mAH to 2AH
Ratings
Cell Phones
PDAs
Charging Cradles
Digital Cameras
Low Cost Single Li-Ion Cell
Chargers
PRODUCT H I GHLIGHT
LX2201
LX2201
AC/DC Adapter
To System
Regulator
USB POWER
USB Lo / Hi
VIN
VDD
BAT
BAT
BAT
CMP
VDD
VDD
BAT
VDD
State Select Truth Table
VID0
VID1
VDD > VBAT
VBAT > VDD
0
0
Switch open – charging
disabled.
Switch open – discharge
disabled.
0
1
Charging – USB high level if
using VIN.
Switch open – discharge
disabled.
1
0
Charging – USB low level if
using VIN.
Battery Discharging. MOSFET
fully enhanced with current
flow VBAT to VDD.
1
1
Charging – USB high level if
using VIN.
Battery Discharging. MOSFET
fully enhanced with current
flow VBAT to VDD.
PACKAGE ORDER I N FO
LQ
Plastic MLP
4x4mm 20-Pin
TA(
°C)
RoHS Complaint / Pb-free
0 to 70
LX2201CLQ
Note: Available in Tape & Reel.
Append the letters “TR” to the part number.
(i.e. LX2201CLQ-TR)


Similar Part No. - LX2201

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX2202 MICROSEMI-LX2202 Datasheet
176Kb / 12P
2A Li-Ion Linear Charger and Power Control
LX2202 MICROSEMI-LX2202 Datasheet
193Kb / 12P
TM 2A Li-Ion Linear Charger and Power Control
LX2202CLQ MICROSEMI-LX2202CLQ Datasheet
176Kb / 12P
2A Li-Ion Linear Charger and Power Control
LX2202CLQ MICROSEMI-LX2202CLQ Datasheet
193Kb / 12P
TM 2A Li-Ion Linear Charger and Power Control
LX2202CLQ-TR MICROSEMI-LX2202CLQ-TR Datasheet
193Kb / 12P
TM 2A Li-Ion Linear Charger and Power Control
More results

Similar Description - LX2201

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX2203 MICROSEMI-LX2203 Datasheet
187Kb / 11P
Li-Ion Battery Charger
LX2203A MICROSEMI-LX2203A Datasheet
183Kb / 11P
Li-Ion Battery Charger
logo
Kingbor Technology Co
KB4054 KINGBOR-KB4054 Datasheet
142Kb / 15P
Li-Ion Battery Charger
KB4540 KINGBOR-KB4540 Datasheet
151Kb / 15P
Li-Ion Battery Charger
logo
Intersil Corporation
ISL9205_0705 INTERSIL-ISL9205_0705 Datasheet
444Kb / 14P
Li-ion Battery Charger
May 16, 2007
logo
Linear Technology
LTC4095 LINER-LTC4095_15 Datasheet
236Kb / 16P
Standalone USB Li-Ion/Polymer Battery Charger
logo
Intersil Corporation
ISL9205IRZ INTERSIL-ISL9205IRZ Datasheet
515Kb / 14P
Li-ion Battery Charger
July 28, 2010
logo
Renesas Technology Corp
ISL9205 RENESAS-ISL9205 Datasheet
828Kb / 17P
Li-ion Battery Charger
ISL9205 RENESAS-ISL9205_V01 Datasheet
788Kb / 17P
Li-ion Battery Charger
Dec 20, 2018
logo
Hotchip Technology Co.,...
HT4906 HOTCHIP-HT4906 Datasheet
579Kb / 11P
Li-ion Battery Charger
Ver1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com