Electronic Components Datasheet Search
  English  ▼

X  

LX2201 Datasheet(PDF) 6 Page - Microsemi Corporation

Part # LX2201
Description  USB Li-Ion Battery Charger
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX2201 Datasheet(HTML) 6 Page - Microsemi Corporation

Back Button LX2201 Datasheet HTML 2Page - Microsemi Corporation LX2201 Datasheet HTML 3Page - Microsemi Corporation LX2201 Datasheet HTML 4Page - Microsemi Corporation LX2201 Datasheet HTML 5Page - Microsemi Corporation LX2201 Datasheet HTML 6Page - Microsemi Corporation LX2201 Datasheet HTML 7Page - Microsemi Corporation LX2201 Datasheet HTML 8Page - Microsemi Corporation LX2201 Datasheet HTML 9Page - Microsemi Corporation LX2201 Datasheet HTML 10Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
LX2201
PRODUCTION DATA SHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 6
Copyright
© 2000
Rev. 1.2b, 2005-04-13
USB Li-Ion Battery Charger
TM
®
APPLI CATI ON SCHEMATI CS
AC/DC Adapter
USB POWER
USB Lo / Hi
LX2201
VDD
VIN
VDD
BAT
BAT
BAT
BAT
CMP
VDD
VDD
To System
Power Bus
150k
2.5k
75k
0.1uF
10uF
10uF
Figure 3 – AC Adapter and USB Supply (Charge and Discharge Modes)
APPLI CATI ON SCHEMA TICS (CON TINUED )
AC/DC Adapter
Off / On
LX2201
VDD
VIN
VDD
BAT
BAT
BAT
BAT
CMP
VDD
VDD
TO VDD
DMMT3906W
TO BAT
576k
499k
499k
499k
100K
To System
Power Bus
150k
2.5k
75k
0.1uF
10uF
10uF
Figure 4 – AC Adapter with charging voltage headroom regulation (for use with a current limited power supply)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com