Electronic Components Datasheet Search
  English  ▼

X  

DS4077 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS4077
Description  77.76MHz VCXO
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS4077 Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS4077 Datasheet HTML 1Page - Maxim Integrated Products DS4077 Datasheet HTML 2Page - Maxim Integrated Products DS4077 Datasheet HTML 3Page - Maxim Integrated Products DS4077 Datasheet HTML 4Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
77.76MHz VCXO
2
_____________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = 3.135V to 3.465V, TA = -40°C to +85°C or 0°C to +70°C, unless otherwise noted.) (Typical values at +25°C, VDD = 3.3V,
unless otherwise noted.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VC, VDD, LVCMOS Output .......................................-0.3V, +3.6V
Operating Temperature Range
(noncondensing) ..............................................-40°C to +85°C
Junction Temperature ......................................................+150°C
Thermal Resistance
Junction to Ambient .................................................91.06°C/W
Junction to Case ......................................................44.51°C/W
Storage Temperature Range .............................-55°C to +125°C
Soldering Temperature
(reflow, 2 passes max)....See IPC/JEDEC STD-020 Specification
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VDD Operating Supply Range
VDD
3.135
3.3
3.465
V
VDD Supply Current
IDD
Output open
20
30
mA
Frequency
fOUT
VC = 1.6V, VDD = 3.3V, TA = +25°C,
LOAD = 10pF
fNOM
–8ppm
fNOM
fNOM
+8ppm
MHz
Frequency vs. VDD Sensitivity
VDDppm
VDD = 3.3V ±5%
-3.5
+11.5
ppm
Frequency vs. Load Sensitivity
LOADpmm
10pF to 20pF (Note 2)
-1
ppm
Frequency vs. Temperature
TEMPppm
From +25°C
-20
+20
ppm
VC Voltage Range
VCRANGE
0.3
1.60
2.8
V
Frequency Tuning Sensitivity
VCSEN
(Note 3)
41
164
ppm/V
Tuning Voltage Bandwidth
VCBW
(Note 2)
10
kHz
Absolute Pull Range
fTUNE
VC = 0.3V to 2.8V, LOAD = 10pF
-69
+69
ppm
VC Input Leakage
ILCV
VC = 0V to VDD
-500
+500
nA
Aging, First Year
AGEppm
-5
+5
ppm
Aging, Years 0–10
tAGE
Total aging
-10
+10
ppm



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com