Electronic Components Datasheet Search
  English  ▼

X  

DS4077 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # DS4077
Description  77.76MHz VCXO
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS4077 Datasheet(HTML) 4 Page - Maxim Integrated Products

  DS4077 Datasheet HTML 1Page - Maxim Integrated Products DS4077 Datasheet HTML 2Page - Maxim Integrated Products DS4077 Datasheet HTML 3Page - Maxim Integrated Products DS4077 Datasheet HTML 4Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
77.76MHz VCXO
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
4 _____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600
© 2005 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products, Inc.
is a registered trademark of Dallas Semiconductor Corporation.
Package Information
(For the latest package information, go to www.maxim-ic.com/DallasPackInfo and click on package drawing 56-G6034-001.)
Typical Operating Characteristics
(VCC = +3.3V, TA = +25°C, unless otherwise noted.)
FREQUENCY vs. TEMPERATURE
TEMPERATURE (°C)
60
40
20
0
-20
-8
-6
-4
-2
0
2
4
6
8
10
-10
-40
80
fOUT = 77.76MHz
OUTPUT FREQUENCY
vs. LOAD CAPACITANCE vs. VC
VC (V)
2.8
1.8
2.3
1.3
0.8
-50
-75
-100
125
100
75
50
25
0
-25
150
-125
0.3
CL = 0pF
CL = 20pF
fOUT = 77.76MHz
OUTPUT FREQUENCY
vs. SUPPLY VOLTAGE vs. VC
VDD (V)
3.410
3.465
3.355
3.190
3.245
3.300
-10
-15
15
10
5
0
-5
20
-20
3.135
fOUT = 77.76MHz
TA = +25°C
VC = 0.3V
VC = 2.8V
VC = 1.6V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com