Electronic Components Datasheet Search
  English  ▼

X  

DS4077 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DS4077
Description  77.76MHz VCXO
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS4077 Datasheet(HTML) 3 Page - Maxim Integrated Products

  DS4077 Datasheet HTML 1Page - Maxim Integrated Products DS4077 Datasheet HTML 2Page - Maxim Integrated Products DS4077 Datasheet HTML 3Page - Maxim Integrated Products DS4077 Datasheet HTML 4Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
77.76MHz VCXO
_____________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VDD = 3.135V to 3.465V, TA = -40°C to +85°C or 0°C to +70°C, unless otherwise noted.) (Typical values at +25°C, VDD = 3.3V,
unless otherwise noted.) (Note 1)
Note 1: Limits at -40°C are guaranteed by design and not production tested.
Note 2: Guaranteed by design and not production tested.
Note 3: Tuning linearity typically better than ±10%.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
LVCMOS OUTPUT
Output Logic 0
VOL
Output Current -450µA
0
0.4
V
Output Logic 1
VOH
Output Current +450µA
VDD -
0.8V
VDD
V
Output Rise Time
tR
Load condition: 10pF to ground; 10% to
90% VDD (Note 2)
2ns
Output Fall Time
tF
Load condition: 10pF to ground; 90% to
10% VDD (Note 2)
2ns
Duty Cycle
DCYC
Load condition: 10pF, VDD / 2 (Note 2)
40
60
%
Harmonics
H
VDD = 3.3V, TA = +25°C (Note 2)
-18
-8
dBc/Hz
SSB PHASE NOISE AND JITTER, VDD = 3.3, TA = +25°C (Note 2)
10Hz Offset
-74
100Hz Offset
-105
1kHz Offset
-130
10kHz Offset
-147
100kHz Offset
LVCMOS
-150
dBc/Hz
Jitter (12kHz to 80MHz)
1
psRMS
Pin Description
PIN
NAME
FUNCTION
1VC
VCXO Control Voltage
2, 5, 7, 8, 9
N.C.
No Connection
3VSS
Ground
4
LVCMOS
LVCMOS Output
6VDD
DC Power



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com