Electronic Components Datasheet Search
  English  ▼

X  

MP7523KN Datasheet(PDF) 2 Page - Exar Corporation

Part # MP7523KN
Description  15 V CMOS Multiplying 8-Bit Digital-to-Analog Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7523KN Datasheet(HTML) 2 Page - Exar Corporation

  MP7523KN Datasheet HTML 1Page - Exar Corporation MP7523KN Datasheet HTML 2Page - Exar Corporation MP7523KN Datasheet HTML 3Page - Exar Corporation MP7523KN Datasheet HTML 4Page - Exar Corporation MP7523KN Datasheet HTML 5Page - Exar Corporation MP7523KN Datasheet HTML 6Page - Exar Corporation MP7523KN Datasheet HTML 7Page - Exar Corporation MP7523KN Datasheet HTML 8Page - Exar Corporation MP7523KN Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MP7523/XRD7523
2
Rev. 3.00
ORDERING INFORMATION
Package
Type
Temperature
Range
Part No.
1/2
1/4
1/2
1/4
1.8
1.8
1.8
1.8
–40 to +85
°C
–40 to +85
°C
–40 to +85
°C
–40 to +85
°C
1
1
1
1
INL
(LSB)
Gain Error
(% FSR)
DNL
(LSB)
SOP (EIAJ)
XRD7523AIK-J
SOP (EIAJ)
XRD7523AIK-K
SOIC (Jedec, 0.150”)
XRD7523AID-J
XRD7523AID-K
SOIC (Jedec, 0.300”)
MP7523JS
MP7523KS
1/2
1/4
1.8
1.8
–40 to +85
°C
–40 to +85
°C
1
1
Plastic Dip
MP7523JN
Plastic Dip
MP7523KN
1/2
1/4
1.8
1.8
–40 to +85
°C
–40 to +85
°C
1
1
SOIC (Jedec, 0.300”)
SOIC (Jedec, 0.150”)
PIN CONFIGURATIONS
16 pin SOIC (Jedec, 0.300”)
16 pin SOIC (Jedec, 0.150”)
16 pin SOP (EIAJ, 5.5 mm)
N/C
N/C
BIT 8 (LSB)
BIT 7
BIT 6
RFB
VREF
VDD
GND
(MSB) BIT 1
BIT 2
BIT 3
BIT 4
BIT 5
IOUT1
IOUT2
16
1
9
8
2
3
4
5
6
7
15
14
13
12
11
10
GND
(MSB) BIT 1
BIT 2
BIT 3
BIT 4
BIT 5
N/C
N/C
BIT 8 (LSB)
BIT 7
BIT 6
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
16 Pin PDIP (0.300”)
RFB
VREF
VDD
IOUT1
IOUT2
PIN OUT DEFINITIONS
1IOUT1
Current Output 1
2IOUT2
Current Output 2
3
GND
Ground
4
BIT 1
Bit 1 (MSB)
5
BIT 2
Bit 2
6
BIT 3
Bit 3
7
BIT 4
Bit 4
8
BIT 5
Bit 5
PIN NO.
NAME
DESCRIPTION
9
BIT 6
Bit 6
10
BIT 7
Bit 7
11
BIT 8
Bit 8
12
N/C
No Connection
13
N/C
No Connection
14
VDD
Positive Power Supply
15
VREF
Reference Input Voltage
16
RFB
Internal Feedback Resistor
PIN NO.
NAME
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com