Electronic Components Datasheet Search
  English  ▼

X  

MP7523KN Datasheet(PDF) 1 Page - Exar Corporation

Part # MP7523KN
Description  15 V CMOS Multiplying 8-Bit Digital-to-Analog Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7523KN Datasheet(HTML) 1 Page - Exar Corporation

  MP7523KN Datasheet HTML 1Page - Exar Corporation MP7523KN Datasheet HTML 2Page - Exar Corporation MP7523KN Datasheet HTML 3Page - Exar Corporation MP7523KN Datasheet HTML 4Page - Exar Corporation MP7523KN Datasheet HTML 5Page - Exar Corporation MP7523KN Datasheet HTML 6Page - Exar Corporation MP7523KN Datasheet HTML 7Page - Exar Corporation MP7523KN Datasheet HTML 8Page - Exar Corporation MP7523KN Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MP7523/XRD7523
Rev. 3.00
E1996
EXAR Corporation, 48720 Kato Road, Fremont, CA 94538
z (510) 668-7000 z (510) 668-7010
FEATURES
• Full Four-Quadrant Multiplying
• Low Feedthrough: 1/2 LSB @ 200 kHz
• Fast Settling: 100 ns (typ.)
• Low Power Dissipation
• Low Cost
• 5 V/15 V Operation
• Buffered Version: MP7524/XRD7524
15 V CMOS
Multiplying 8-Bit
Digital-to-Analog Converter
APPLICATIONS
• Battery Operated Equipment
• Low Power, Ratiometric A/D Converters
• Digitally Controlled Gain Circuits
• Digitally Controlled Attenuators
• CRT Character Generation
• Low Noise Audio Gain Control
...the analog plus companyTM
January 1996-2
GENERAL DESCRIPTION
The MP7523/XRD7523 is a low cost multiplying Digital-to-
Analog Converter. The device uses an advanced thin-film-on-
CMOS technology to provide 8-bit resolution with accuracy to
10-bits and very low power dissipation.
The MP7523/XRD7523’s excellent multiplying characteris-
tics and low cost allow it to be used in a wide ranging field of ap-
plications such as: low noise audio gain control, CRT character
generation, motor speed control, digitally controlled attenuators,
etc.
SIMPLIFIED BLOCK DIAGRAM
4R
R
2R
2 to 3 Decoder
MSB
LSB
4R
4R
4R
4R
4R
4R
2R
2R
Switch Drivers & Switches
3 Segment D/A Converter with Termination to DGND
Logical “1” at Digital Input Steers Current to IOUT1
BIT 8
R = 10k
BIT 1
RFB
IOUT1
IOUT2
VREF
VDD


Similar Part No. - MP7523KN

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
MP7524A EXAR-MP7524A Datasheet
670Kb / 10P
CMOS BUFERED MULTIPLYING 8 BIT DIGITAL TO ANALOG CONVERTER
MP7524AAN EXAR-MP7524AAN Datasheet
670Kb / 10P
CMOS BUFERED MULTIPLYING 8 BIT DIGITAL TO ANALOG CONVERTER
MP7524AAR EXAR-MP7524AAR Datasheet
670Kb / 10P
CMOS BUFERED MULTIPLYING 8 BIT DIGITAL TO ANALOG CONVERTER
MP7524ABN EXAR-MP7524ABN Datasheet
670Kb / 10P
CMOS BUFERED MULTIPLYING 8 BIT DIGITAL TO ANALOG CONVERTER
MP7524ABR EXAR-MP7524ABR Datasheet
670Kb / 10P
CMOS BUFERED MULTIPLYING 8 BIT DIGITAL TO ANALOG CONVERTER
More results

Similar Description - MP7523KN

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
MP7628 EXAR-MP7628 Datasheet
124Kb / 12P
5 V CMOS Quad Multiplying 8-Bit Digital-to-Analog Converter
MP7614 EXAR-MP7614 Datasheet
91Kb / 8P
15 V CMOS Multiplying 14-Bit Digital-to-Analog Converter
MP7524A EXAR-MP7524A Datasheet
670Kb / 10P
CMOS BUFERED MULTIPLYING 8 BIT DIGITAL TO ANALOG CONVERTER
MP7528 EXAR-MP7528 Datasheet
142Kb / 16P
CMOS Dual Buffered Multiplying 8-Bit Digital-to-Analog Converter
logo
Hitachi Semiconductor
HA17408P HITACHI-HA17408P Datasheet
22Kb / 4P
8-Bit Multiplying Digital-to-Analog Converter
logo
Exar Corporation
MP7541B EXAR-MP7541B Datasheet
89Kb / 8P
15 V CMOS Multiplying 12-Bit Digital-to-Analog Converter
MP7529B EXAR-MP7529B Datasheet
114Kb / 12P
5 V CMOS Dual Buffered Multiplying 8-Bit Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC7528 BURR-BROWN-DAC7528 Datasheet
76Kb / 8P
CMOS Dual 8-Bit Buffered Multiplying DIGITAL-TO-ANALOG CONVERTER
logo
Exar Corporation
MP7616 EXAR-MP7616 Datasheet
91Kb / 8P
15 V CMOS 16-Bit Multiplying Digital-to-Analog Converter
logo
Hitachi Semiconductor
HA17008RP HITACHI-HA17008RP Datasheet
61Kb / 11P
8-Bit Multiplying Digital to Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com