Electronic Components Datasheet Search
  English  ▼

X  

MP7523KN Datasheet(PDF) 3 Page - Exar Corporation

Part # MP7523KN
Description  15 V CMOS Multiplying 8-Bit Digital-to-Analog Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7523KN Datasheet(HTML) 3 Page - Exar Corporation

  MP7523KN Datasheet HTML 1Page - Exar Corporation MP7523KN Datasheet HTML 2Page - Exar Corporation MP7523KN Datasheet HTML 3Page - Exar Corporation MP7523KN Datasheet HTML 4Page - Exar Corporation MP7523KN Datasheet HTML 5Page - Exar Corporation MP7523KN Datasheet HTML 6Page - Exar Corporation MP7523KN Datasheet HTML 7Page - Exar Corporation MP7523KN Datasheet HTML 8Page - Exar Corporation MP7523KN Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MP7523/XRD7523
3
Rev. 3.00
ELECTRICAL CHARACTERISTICS
(VDD = + 15 V, VREF = +10 V unless otherwise noted)
25
°C
Tmin to Tmax
Parameter
Symbol
Min
Typ
Max
Min
Max
Units
Test Conditions/Comments
STATIC PERFORMANCE1
Resolution (All Grades)
N
8
8
Bits
Integral Non-Linearity
INL
LSB
Best Fit Straight Line
(Relative Accuracy)
(Max INL – Min INL) / 2
J+1/2
+1/2
K+1/4
+1/4
Monotonicity
Guaranteed over temp
Differential Non-Linearity
DNL
LSB
All grades monotonic over full
J+1+1
temperature range.
K+1+1
Gain Error
GE
+1.5
+1.8
%
Using Internal RFB
J
Digital Inputs = VINH
K
Power Supply Rejection Ratio
PSRR
+200
+300
ppm/%
|∆Gain/∆VDD| ∆VDD = + 5%
J
Digital Inputs = VINH
K
Output Leakage Current (Pin 1)
IOUT1
+50nA
+200nA
nA
Digital Inputs = VINL
J
K
Output Leakage Current (Pin 2)
IOUT2
+50nA
+200nA
nA
Digital Inputs = VINH
J
K
REFERENCE INPUT
Input Resistance
RIN
5
20
5
20
k
Ω
VOUT1 = VOUT2 = 0 V
DIGITAL INPUTS
Logical “1” Voltage
VIH
14.5
14.5
V
Logical “0” Voltage
VIL
0.5
0.5
V
Input Leakage Current
ILKG
+1+1
µA
ANALOG OUTPUTS
Output Capacitance2
COUT1
100
100
pF
DAC Inputs all 1’s
COUT1
30
30
pF
DAC Inputs all 0’s
COUT2
30
30
pF
DAC Inputs all 1’s
COUT2
100
100
pF
DAC Inputs all 0’s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com