Electronic Components Datasheet Search
  English  ▼

X  

DSA6331MA2EB-T Datasheet(PDF) 6 Page - Microchip Technology

Part # DSA6331MA2EB-T
Description  Ultra-Small, Ultra-Low Power MEMS Oscillatorwith Spread Spectrum for Automotive
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSA6331MA2EB-T Datasheet(HTML) 6 Page - Microchip Technology

Back Button DSA6331MA2EB-T Datasheet HTML 2Page - Microchip Technology DSA6331MA2EB-T Datasheet HTML 3Page - Microchip Technology DSA6331MA2EB-T Datasheet HTML 4Page - Microchip Technology DSA6331MA2EB-T Datasheet HTML 5Page - Microchip Technology DSA6331MA2EB-T Datasheet HTML 6Page - Microchip Technology DSA6331MA2EB-T Datasheet HTML 7Page - Microchip Technology DSA6331MA2EB-T Datasheet HTML 8Page - Microchip Technology DSA6331MA2EB-T Datasheet HTML 9Page - Microchip Technology DSA6331MA2EB-T Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
DSA63XX
DS20006189A-page 6
 2019 Microchip Technology Inc.
2.0
PIN DESCRIPTIONS
The DSA63xx is a highly configurable device and can be factory programmed in many different ways to meet the
customer’s needs. Microchip’s ClockWorks® Configurator http://clockworks.microchip.com/Timing/ must be used to
choose the necessary options, create the final part number, data sheet, and order samples. The descriptions of the pins
are listed in Table 2-1.
TABLE 2-1:
DSA63XX PIN FUNCTION TABLE
Pin Number
Pin Name
Description
1
(Note 1)
OE
Output Enable: H = Active, L = Disabled (High Impedance).
STDBY
Standby: H = Device is active, L = Device is in standby (Low Power Mode).
SSEN
Spread Spectrum Enable: H = Enabled, L = Disabled.
2
GND
Ground.
3
Output
Oscillator clock output.
4
VDD
Power supply: 1.71V to 3.63V.
Note 1: DSA630x/1x/3x has a 300 kΩ internal pull-up resistor on pin 1. DSA634x/5x/7x has no internal pull-up
resistor on pin 1 and needs an external pull-up or to be driven by another chip.
An explanation of the different options listed in Table 2-1 follows.
2.1
Pin 1
This is a control pin and may be configured to fulfill one
of three different functions. If not actively driven, a
10 kΩ pull-up resistor is recommended.
2.1.1
OUTPUT ENABLE (OE)
Pin 1 may be configured as OE. Oscillator output may
be turned on and off according to the state of this pin.
2.1.2
STDBY
Pin 1 may be configured as Standby. When the pin is
low, both output buffer and PLL will be off and the
device will enter a low power mode.
2.1.3
SPREAD SPECTRUM ENABLE
(SSEN)
This pin, when high, enables spread spectrum
modulation of the clock output. Various levels of
center-spread and down-spread are available. For
more details, see the Spread Spectrum section and the
spread spectrum ordering codes on the Product
Identification System.
2.2
Pins 2 through 4
Pins 2 and 4 are the supply terminals, GND and VDD
respectively. Pin 3 is the clock output, programmable to
Standard and High Drive strength settings. Visit
ClockWorks® Configurator to customize your device.
2.3
Output Buffer Options
The DSA63xx family is available in multiple output
driver configurations.
The standard-drive (63x1) and high-drive (63x2) deliver
respective output currents of greater than 3 mA and
6 mA at 20%/80% of the supply voltage. For heavy
loads of 15 pF or higher, the high-drive option is
recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com