Electronic Components Datasheet Search
  English  ▼

X  

DSA6331MA2EB-T Datasheet(PDF) 8 Page - Microchip Technology

Part # DSA6331MA2EB-T
Description  Ultra-Small, Ultra-Low Power MEMS Oscillatorwith Spread Spectrum for Automotive
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSA6331MA2EB-T Datasheet(HTML) 8 Page - Microchip Technology

Back Button DSA6331MA2EB-T Datasheet HTML 4Page - Microchip Technology DSA6331MA2EB-T Datasheet HTML 5Page - Microchip Technology DSA6331MA2EB-T Datasheet HTML 6Page - Microchip Technology DSA6331MA2EB-T Datasheet HTML 7Page - Microchip Technology DSA6331MA2EB-T Datasheet HTML 8Page - Microchip Technology DSA6331MA2EB-T Datasheet HTML 9Page - Microchip Technology DSA6331MA2EB-T Datasheet HTML 10Page - Microchip Technology DSA6331MA2EB-T Datasheet HTML 11Page - Microchip Technology DSA6331MA2EB-T Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
DSA63XX
DS20006189A-page 8
 2019 Microchip Technology Inc.
4.0
SPREAD SPECTRUM
Spread spectrum is a slow modulation of the clock
frequency over time. The PLL inside the MEMS
oscillator is modulated with a triangular wave at
33 kHz. With such a slow modulation, the peak spectral
energy of both the fundamental and all the harmonics
is spread over a wider frequency range and such an
energy is significantly reduced, thus providing an EMI
reduction. The triangular wave is chosen because of its
flat spectral density.
The DSA63xx MEMS oscillator family offers several
modulation
options:
the
spreading
is
either
center-spread or down-spread with respect to the clock
frequency. Center-spread ranges from ±0.25% to
±2.5%, while down-spread ranges from –0.25% to
–3%.
If the clock frequency is 100 MHz and center-spread
with ±1% is chosen, the output clock will range from
99 MHz to 101 MHz. If down-spread with –2% is
chosen, the output clock will range from 98 MHz to
100 MHz.
Figure 4-1 and Figure 4-2 show a spectrum example of
the DSA6331 with a 33.333 MHz clock, modulated with
center-spread of ±1%.
FIGURE 4-1:
DSA6331 Spectrum at
33.333 MHz with Modulation Turned Off.
FIGURE 4-2:
DSA6331 Spectrum at
33.333 MHz with Modulation Turned On.
It is noticeable that the spread spectrum provides a
reduction of about 10 dB from the peak power. Such a
reduction may also be estimated by the following
equation:
EQUATION 4-1:
EMI Reduction
10 Log10 Sfc RBW

=
Where:
S
Peak-to-peak spread percentage (0.01,
this example).
fc
Carrier frequency (33.333 MHz, this
example).
RBW
Resolution bandwidth of the spectrum
analyzer (30 kHz, this example).
The theoretical calculation for this example provides
10.45 dB, which is consistent with the measurement.
Similarly to the fundamental frequency, all the
harmonics are spread and attenuated in similar
fashion.
Figure 4-3
shows
how
the
DSA6331
fundamental at 33.333 MHz and its odd harmonics are
attenuated when various types of modulations are
selected. For picture clarity, only the center-spread
options are shown. However, down spread with
corresponding percentage provides the same level of
harmonic attenuation (e.g. center-spread of ±1%
provides the same harmonics attenuation of down
spread with –2%).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com