Electronic Components Datasheet Search
  English  ▼

X  

DSA6331MA2EB-T Datasheet(PDF) 14 Page - Microchip Technology

Part # DSA6331MA2EB-T
Description  Ultra-Small, Ultra-Low Power MEMS Oscillatorwith Spread Spectrum for Automotive
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSA6331MA2EB-T Datasheet(HTML) 14 Page - Microchip Technology

Back Button DSA6331MA2EB-T Datasheet HTML 10Page - Microchip Technology DSA6331MA2EB-T Datasheet HTML 11Page - Microchip Technology DSA6331MA2EB-T Datasheet HTML 12Page - Microchip Technology DSA6331MA2EB-T Datasheet HTML 13Page - Microchip Technology DSA6331MA2EB-T Datasheet HTML 14Page - Microchip Technology DSA6331MA2EB-T Datasheet HTML 15Page - Microchip Technology DSA6331MA2EB-T Datasheet HTML 16Page - Microchip Technology DSA6331MA2EB-T Datasheet HTML 17Page - Microchip Technology DSA6331MA2EB-T Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
RECOMMENDED LAND PATTERN
Dimension Limits
Units
X2
Contact Width
Contact Pitch
MILLIMETERS
1.20 BSC
MIN
E1
MAX
Space Between Contacts (X4)
Contact Pad Length (X6)
G1
Y0.50
Microchip Technology Drawing C04-3199A
NOM
4-Lead Very Thin Fine Pitch Land Grid Array (ARA) - 1.6x1.2 mm Body [VFLGA]
SILK SCREEN
12
4
X1
Contact Width (X3)
Space Between Contacts (X3)
G2
0.25
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
Dimensioning and tolerancing per ASME Y14.5M
1.
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
X1
Y
G2
(CH)
C
Contact Spacing
0.75
0.43
0.35
0.85
Contact 1 Index Chamfer
CH
0.13 X 45° REF
C
E2
Contact Pitch
1.16 BSC
E2
X2
G1
E1
DSA63XX
DS20006189A-page 14
 2019 Microchip Technology Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com