Electronic Components Datasheet Search
  English  ▼

X  

X9440 Datasheet(PDF) 6 Page - Intersil Corporation

Part # X9440
Description  Mixed Signal with SPI Interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9440 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button X9440 Datasheet HTML 2Page - Intersil Corporation X9440 Datasheet HTML 3Page - Intersil Corporation X9440 Datasheet HTML 4Page - Intersil Corporation X9440 Datasheet HTML 5Page - Intersil Corporation X9440 Datasheet HTML 6Page - Intersil Corporation X9440 Datasheet HTML 7Page - Intersil Corporation X9440 Datasheet HTML 8Page - Intersil Corporation X9440 Datasheet HTML 9Page - Intersil Corporation X9440 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
6
FN8200.0
March 28, 2005
Four of the ten instructions end with the transmission
of the instruction byte. The basic sequence is illus-
trated in Figure 4. These two-byte instructions
exchange data between the wiper counter register or
analog control register and one of the data registers. A
transfer from a data register to a wiper counter register
or analog control register is essentially a write to a
static RAM. The response of the wiper to this action
will be delayed tWRL. A transfer from the wiper counter
register current wiper position to a data register is a
write to non volatile memory and takes a minimum of
tWR to complete. The transfer can occur between one
of the two potentiometers or one of the two voltage
comparators and one of its associated registers; or it
may occur globally, wherein the transfer occurs
between both of the potentiometers and voltage com-
parators and one of their associated registers.
Five instructions require a three-byte sequence to
complete. These instructions transfer data between
the host and the X9440; either between the host and
one of the data registers or directly between the host
and the wiper counter and analog control registers.
These instructions are: Read Wiper Counter Register
or Analog Control Register, read the current wiper
position of the selected pot or the comparator control
bits, Write Wiper Counter Register or Analog Control
Register, i.e. change current wiper position of the
selected pot or control the voltage comparator; Read
Data Register, read the contents of the selected non
volatile register; Write Data Register, write a new value
to the selected data register. The bit structures of the
instructions are shown in Figure 9.
The sequences of the three byte operations are shown
in Figure 5 and Figure 6.
The bit structures of the instructions and the descrip-
tion of the instructions are shown in Figure 10.
Figure 4. Two-Byte Command Sequence
Figure 5. Three-Byte Command Sequence (Write)
0101
00A1
A0
I3
I2
I1
I0
R1
R0
P1 P0
SCK
SI
CS
0
101
A1 A0
I3
I2
I1 I0
R1 R0 P1 P0
SCL
SI
0
0
D5 D4 D3 D2
D1 D0
CS
00
X9440



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com