Electronic Components Datasheet Search
  English  ▼

X  

X9440 Datasheet(PDF) 11 Page - Intersil Corporation

Part # X9440
Description  Mixed Signal with SPI Interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9440 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button X9440 Datasheet HTML 7Page - Intersil Corporation X9440 Datasheet HTML 8Page - Intersil Corporation X9440 Datasheet HTML 9Page - Intersil Corporation X9440 Datasheet HTML 10Page - Intersil Corporation X9440 Datasheet HTML 11Page - Intersil Corporation X9440 Datasheet HTML 12Page - Intersil Corporation X9440 Datasheet HTML 13Page - Intersil Corporation X9440 Datasheet HTML 14Page - Intersil Corporation X9440 Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
11
FN8200.0
March 28, 2005
COMPARATOR ELECTRICAL CHARACTERISTICS
(Over the recommended operating conditions unless otherwise specified.)
Notes: (1) 100mV step with 100mV overdrive, ZL = 10k
Ω || 15pF, 10-90% risetime
(2) Time from leading edge of Enable bit to valid VOUT.
Symbol
Parameter
Limits
Unit
Test Conditions
Min.
Typ.
Max.
VOS
Input offset voltage
-1
-5
1
5
mV
mV
V+/V- =
±3V
V+/V- =
±5V
IB
Input current
10
pA
VIR
Input voltage range
V-
V+
V
tR
Response time
200
ns
note 1
IO
Output current
-1
1
mA
AV
Voltage gain
300
V/mV
PSRR
Power supply rejection ratio
60
dB
VOR
Output voltage range
VSS
VCC
V
TCVOS
Input offset voltage drift
6
µV/°C
IS
Supply current (V+ to V-)
1.2
.5
mA
mA
V+/V- =
±5V
V+/V- =
±3V
TON
Comparator enable time
1
µs
note 2
VOL
Output low voltage
0.4
V
IO = 1mA
VOH
Output high voltage
VCC-0.8
V
IO = 1mA
X9440



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com