Electronic Components Datasheet Search
  English  ▼

X  

X9440 Datasheet(PDF) 9 Page - Intersil Corporation

Part # X9440
Description  Mixed Signal with SPI Interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9440 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button X9440 Datasheet HTML 5Page - Intersil Corporation X9440 Datasheet HTML 6Page - Intersil Corporation X9440 Datasheet HTML 7Page - Intersil Corporation X9440 Datasheet HTML 8Page - Intersil Corporation X9440 Datasheet HTML 9Page - Intersil Corporation X9440 Datasheet HTML 10Page - Intersil Corporation X9440 Datasheet HTML 11Page - Intersil Corporation X9440 Datasheet HTML 12Page - Intersil Corporation X9440 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
9
FN8200.0
March 28, 2005
Transfer Data Register to Wiper Counter Register or Analog Control Register
Transfer the contents of the Register pointed to by R1 - R0 to the WCR or ACR pointed to by P1 - P0.
Transfer Wiper Counter or Analog Control Register to Data Register
Transfer the contents of the WCR or ACR pointed to by P1 - P0 to the Register pointed to by R1 - R0.
Global Transfer Data Register to Wiper Counter or Analog Control Register
Transfer the contents of all four Data Registers pointed to by R1 - R0 to their respective WCR or ACR.
Global Transfer Wiper Counter or Analog Control Register to Data Register
Transfer the contents of all WCRs and ACRs to their respective data Registers pointed to by R1 - R0.
Increment/Decrement Wiper Counter Register
Enable Increment/decrement of the WCR pointed to by P1 - P0.
P1 P0: 00 or 01 only.
I/D: Increment/Decrement, 1/0
Read Status
CS
Falling
Edge
device type
identifier
device
addresses
instruction
opcode
WCR/ACR/DR
addresses
CS
Rising
Edge
010100
A
1
A
0
1 101
R
1
R
0
P
1
P
0
CS
Falling
Edge
device type
identifier
device
addresses
instruction
opcode
WCR/ACR/DR
addresses
CS
Rising
Edge
HIGH-VOLTAGE
WRITE CYCLE
0
101
00
A
1
A
0
11
10
R
1
R
0
P
1
P
0
CS
Falling
Edge
device type
identifier
device
addresses
instruction
opcode
DR
addresses
CS
Rising
Edge
010
100
A
1
A
0
00
0
1
R
1
R
0
00
CS
Falling
Edge
device type
identifier
device
addresses
instruction
opcode
DR
addresses
CS
Rising
Edge
HIGH-VOLTAGE
WRITE CYCLE
010100
A
1
A
0
1000
R
1
R
0
00
CS
Falling
Edge
device type
identifier
device
addresses
instruction
opcode
WCR
addresses
increment/decrement
(sent by master on SDA)
CS
Rising
Edge
0
101
00
A
1
A
0
00
10
0
0
P
1
P
0
I/
D
I/
D
..
..
I/
D
I/
D
CS
Falling
Edge
device type
identifier
device
addresses
instruction
opcode
wiper
addresses
Data Byte
(sent by X9440 on SO)
CS
Rising
Edge
01
010
0
A
1
A
0
0101
000
100
0000
0
W
I
P
X9440



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com