Electronic Components Datasheet Search
  English  ▼

X  

AM79C031JC Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # AM79C031JC
Description  Advanced Subscriber Line Interface Circuit (ASLIC) Device
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AM79C031JC Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  AM79C031JC Datasheet HTML 1Page - List of Unclassifed Manufacturers AM79C031JC Datasheet HTML 2Page - List of Unclassifed Manufacturers AM79C031JC Datasheet HTML 3Page - List of Unclassifed Manufacturers AM79C031JC Datasheet HTML 4Page - List of Unclassifed Manufacturers AM79C031JC Datasheet HTML 5Page - List of Unclassifed Manufacturers AM79C031JC Datasheet HTML 6Page - List of Unclassifed Manufacturers AM79C031JC Datasheet HTML 7Page - List of Unclassifed Manufacturers AM79C031JC Datasheet HTML 8Page - List of Unclassifed Manufacturers AM79C031JC Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
ASLIC/ASLAC Products
5
ORDERING INFORMATION
ASLIC Device
Must order Am79C203 or Am79C2031 with the device below.
Am79213
J
C
TEMPERATURE RANGE
C = Commercial (0
°C to 70°C)*
PACKAGE TYPE
J = 32-pin Plastic Leaded Chip Carrier (PL 032)
DEVICE NUMBER/DESCRIPTION
Am79213
Advanced Subscriber Line Interface Circuit
Valid Combinations
Valid Combinations list configurations planned to
be supported in volume for this device. Consult
the local Legerity sales office to confirm availabil-
ity of specific valid combinations and to check on
newly released combinations.
Valid Combinations
Am79213
JC
Note:
* Functionality of the device from 0°C to +70°C is guaranteed by production testing. Performance from –40°C to +85°C
is guaranteed by characterization and periodic sampling of production units.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com