Electronic Components Datasheet Search
  English  ▼

X  

AM79C031JC Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # AM79C031JC
Description  Advanced Subscriber Line Interface Circuit (ASLIC) Device
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AM79C031JC Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button AM79C031JC Datasheet HTML 2Page - List of Unclassifed Manufacturers AM79C031JC Datasheet HTML 3Page - List of Unclassifed Manufacturers AM79C031JC Datasheet HTML 4Page - List of Unclassifed Manufacturers AM79C031JC Datasheet HTML 5Page - List of Unclassifed Manufacturers AM79C031JC Datasheet HTML 6Page - List of Unclassifed Manufacturers AM79C031JC Datasheet HTML 7Page - List of Unclassifed Manufacturers AM79C031JC Datasheet HTML 8Page - List of Unclassifed Manufacturers AM79C031JC Datasheet HTML 9Page - List of Unclassifed Manufacturers AM79C031JC Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
6
Am79213/Am79C203/031 Data Sheet
ORDERING INFORMATION (continued)
ASLAC Device
Must order Am79213 with the device below.
Am79C203/031
J
C
TEMPERATURE RANGE
C = Commercial (0
°C to 70°C)*
PACKAGE TYPE
J = 32-pin Plastic Leaded Chip Carrier (PL032)
Am79C203 only
J = 44-pin Plastic Leaded Chip Carrier (PL044)
Am79C2031 only
DEVICE NUMBER/DESCRIPTION
Am79C203/031
Advanced Subscriber Line Audio-processing Circuit
Valid Combinations
Valid Combinations list configurations planned to
be supported in volume for this device. Consult
the local Legerity sales office to confirm availabil-
ity of specific valid combinations and to check on
newly released combinations.
Valid Combinations
Am79C203
JC
Am79C2031
Note:
* Functionality of the device from 0°C to +70°C is guaranteed by production testing. Performance from –40°C to +85°C
is guaranteed by characterization and periodic sampling of production units.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com