Electronic Components Datasheet Search
  English  ▼

X  

1864341 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1864341
Description  PCB terminal block - SPTAF 1/ 8-3,5-LL
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1864341 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1864341 Datasheet HTML 1Page - PHOENIX CONTACT 1864341 Datasheet HTML 2Page - PHOENIX CONTACT 1864341 Datasheet HTML 3Page - PHOENIX CONTACT 1864341 Datasheet HTML 4Page - PHOENIX CONTACT 1864341 Datasheet HTML 5Page - PHOENIX CONTACT 1864341 Datasheet HTML 6Page - PHOENIX CONTACT 1864341 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
https://www.phoenixcontact.com/pi/products/1864341
01/10/2020   Page 3 / 7
PCB terminal block - SPTAF 1/ 8-3,5-LL - 1864341
Technical data
Packaging information
Denomination packing units
Pcs.
General product information
Type of note
Note on application
Note
Maximum permissible outer diameter of the wire insulation ≤ 3 mm
Processing notes
Process
Wave soldering
Specification
Following IEC 61760-1:2006-04
Following IEC 60068-2-54:2006-04
Ambient conditions
Ambient temperature (storage/transport)
-40 °C ... 70 °C
Ambient temperature (assembly)
-5 °C ... 100 °C
Ambient temperature (operation)
-40 °C ... 100 °C (dependent on the derating curve)
Termination and connection method
Test – repeated connection and release
IEC 60999-1:1999-11
Test passed
Test for conductor damage and slackening
IEC 60999-1:1999-11
Test passed
Pull-out test
Pull-out test
IEC 60999-1:1999-11
Test passed
Conductor cross section / conductor type / tensile force
0.2 mm² / solid / > 10 N
0.25 mm² / flexible / > 10 N
1.5 mm² / solid / > 40 N
1.5 mm² / flexible / > 40 N
Electrical tests
Rated current
13.5 A
Conductor cross section
1 mm²
Rated voltage (III/2)
160 V
Rated surge voltage (III/2)
2.5 kV
Air clearances and creepage distances
Clearances and creepage distances
IEC 60947-1:2007-06 + A1:2010-12
Specification
IEC 60947-1:2007-06 + A1:2010-12
Rated insulation voltage (III/3)
160 V
Rated insulation voltage (III/2)
160 V
Rated insulation voltage (II/2)
320 V
Rated surge voltage (III/3)
2.5 kV
Rated surge voltage (III/2)
2.5 kV
Rated surge voltage (II/2)
2.5 kV



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com