Electronic Components Datasheet Search
  English  ▼

X  

1864341 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1864341
Description  PCB terminal block - SPTAF 1/ 8-3,5-LL
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1864341 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1864341 Datasheet HTML 1Page - PHOENIX CONTACT 1864341 Datasheet HTML 2Page - PHOENIX CONTACT 1864341 Datasheet HTML 3Page - PHOENIX CONTACT 1864341 Datasheet HTML 4Page - PHOENIX CONTACT 1864341 Datasheet HTML 5Page - PHOENIX CONTACT 1864341 Datasheet HTML 6Page - PHOENIX CONTACT 1864341 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
https://www.phoenixcontact.com/pi/products/1864341
01/10/2020   Page 2 / 7
PCB terminal block - SPTAF 1/ 8-3,5-LL - 1864341
Technical data
Electrical parameters
Nom. voltage
160 V
Connection capacity
Connection method
Push-in spring connection
Conductor cross section solid
0.2 mm² ... 0.75 mm² (When connecting and possibly adjusting a solid
conductor of 1 mm², the mechanical lateral forces, which can affect the
terminal block, have to be absorbed by lateral support.)
Conductor cross section flexible
0.2 mm² ... 1 mm²
Conductor cross section AWG / kcmil
24 ... 18
Conductor cross section flexible, with ferrule without plastic sleeve
0.25 mm² ... 0.5 mm²
Conductor cross section, flexible, with ferrule, with plastic sleeve
0.25 mm² ... 0.5 mm²
Stripping length
8 mm
Material data - contact
Note
WEEE/RoHS-compliant, free of whiskers according to IEC 60068-2-82/
JEDEC JESD 201
Contact material
Cu alloy
Surface characteristics
hot-dip tin-plated
Metal surface terminal point (top layer)
Tin (2 - 4 µm Sn)
Metal surface soldering area (top layer)
Tin (2 - 4 µm Sn)
Material data - housing
Insulating material
PA
Insulating material group
I
CTI according to IEC 60112
600
Flammability rating according to UL 94
V0
Dimensions for the product
Length [ l ]
11 mm
Width [ w ]
29.5 mm
Height [ h ]
13.5 mm
Pitch
3.5 mm
Height (without solder pin)
10.9 mm
Solder pin [P]
2.6 mm
Pin spacing
5 mm
Pin dimensions
0.75 x 0.3 mm
Dimension a
24.5 mm
Dimensions for PCB design
Hole diameter
1.1 mm
Pin spacing
5 mm
Packaging information
Type of packaging
packed in cardboard
Pieces per package
50



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com