Electronic Components Datasheet Search
  English  ▼

X  

1864341 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 1864341
Description  PCB terminal block - SPTAF 1/ 8-3,5-LL
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1864341 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  1864341 Datasheet HTML 1Page - PHOENIX CONTACT 1864341 Datasheet HTML 2Page - PHOENIX CONTACT 1864341 Datasheet HTML 3Page - PHOENIX CONTACT 1864341 Datasheet HTML 4Page - PHOENIX CONTACT 1864341 Datasheet HTML 5Page - PHOENIX CONTACT 1864341 Datasheet HTML 6Page - PHOENIX CONTACT 1864341 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
https://www.phoenixcontact.com/pi/products/1864341
01/10/2020   Page 4 / 7
PCB terminal block - SPTAF 1/ 8-3,5-LL - 1864341
Technical data
Air clearances and creepage distances
Minimum clearance - inhomogeneous field (III/3)
1.5 mm
Minimum clearance - inhomogeneous field (III/2)
1.5 mm
Minimum clearance - inhomogeneous field (II/2)
1.5 mm
Minimum creepage distance value (III/3)
2 mm
Minimum creepage distance value (III/2)
0.8 mm
Minimum creepage distance value (II/2)
1.6 mm
Vibration test
Specification
IEC 60068-2-6:2007-12
Result
Test passed
Frequency
10 - 150 - 10 Hz
Sweep speed
1 octave/min
Amplitude
0.35 mm (10 - 60.1 Hz)
Test duration per axis
2.5 h
Standards and Regulations
Connection in acc. with standard
EN-VDE
Environmental Product Compliance
China RoHS
Environmentally friendly use period: unlimited = EFUP-e
No hazardous substances above threshold values
Drawings



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com