Electronic Components Datasheet Search
  English  ▼

X  

SM6S Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # SM6S
Description  4600W Transient Voltage Suppressor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

SM6S Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  SM6S Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd SM6S Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd SM6S Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd SM6S Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd SM6S Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd SM6S Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ELECTRICAL CHARACTERISTICS
Part
Number
VR
IR@VR
VBR @ IT
IT
Vc @Ipp
Ipp
Uni-polar
Bi-polar
V
μA@25°C
μA@175°C
min(V)
max (V)
mA
V
A
SM6S10A
SM6S10CA
10.0
5
250
11.1
12.3
5
17.0
271.0
SM6S11A
SM6S11CA
11.0
5
150
12.2
13.5
5
18.2
253.0
SM6S12A
SM6S12CA
12.0
5
150
13.3
14.7
5
19.9
231.0
SM6S13A
SM6S13CA
13.0
5
150
14.4
15.9
5
21.5
214.0
SM6S14A
SM6S14CA
14.0
5
150
15.6
17.2
5
23.2
198.0
SM6S15A
SM6S15CA
15.0
5
150
16.7
18.5
5
24.4
189.0
SM6S16A
SM6S16CA
16.0
5
150
17.8
19.7
5
26.0
177.0
SM6S17A
SM6S17CA
17.0
5
150
18.9
20.9
5
27.6
167.0
SM6S18A
SM6S18CA
18.0
5
150
20.0
22.1
5
29.2
158.0
SM6S20A
SM6S20CA
20.0
5
150
22.2
24.5
5
32.4
142.0
SM6S22A
SM6S22CA
22.0
5
150
24.4
26.9
5
35.5
130.0
SM6S24A
SM6S24CA
24.0
5
150
26.7
29.5
5
38.9
118.0
SM6S26A
SM6S26CA
26.0
5
150
28.9
31.9
5
42.1
109.0
SM6S28A
SM6S28CA
28.0
5
150
31.1
34.4
5
45.4
101.0
SM6S30A
SM6S30CA
30.0
5
150
33.3
36.8
5
48.4
95.0
SM6S33A
SM6S33CA
33.0
5
150
36.7
40.6
5
53.3
86.0
SM6S36A
SM6S36CA
36.0
5
150
40.0
44.2
5
58.1
79.0
Note:
①. For all types maximum VF = 1.9 V at IF = 100 A measured on 8.3 ms single half sine-wave or
equivalent square wave, duty cycle = 4 pulses per minute maximum。
②. Surge waveform: 10/1000μs
VR :Stand-off Voltage -- Maximum voltage that can be applied
VBR:Breakdown Voltage
VC: Clamping Voltage -- Peak voltage measured across the suppressor at a specified Ipp
IR: Reverse Leakage Current
IT:
Test current
Mechanical Data
CASE: DO-218AB Molding compound meets UL 94V-0 flammability rating Base
P/NHE3-ROHS-compliant, AEC-Q101 qualified.
Terminals: Matte tin plated leads, solder able per J-STD-002 and JESD 22-B102,
HE3 suffix meets JESD 201 class 2 whisker tests.
Rev :
www.leiditech.com
01.06.2014
2/6
SM6S Series 4600W Transient Voltage Suppressor



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com