Electronic Components Datasheet Search
  English  ▼

X  

SM6S Datasheet(PDF) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # SM6S
Description  4600W Transient Voltage Suppressor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

SM6S Datasheet(HTML) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  SM6S Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd SM6S Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd SM6S Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd SM6S Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd SM6S Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd SM6S Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
0.01
0.1
1.0
10
100
0.01
0.1
1
FIG.5: Typical Transient Thermal Impedance
t-Pulse Width (s
SOLDERING PARAMETERS
Reflow Condition
Pre
Heat
-Temperature Min (Ts(min)
-Temperature Max(Ts(max)
-Time (Min to Max) (ts)
Average ramp up rate (Liquid us Temp
(TL) to peak)
Ts(max) to TL - Ramp-up Rate
Reflow
-Temperature(TL)(Liquid us)
-Temperature(tL)
Peak Temp (Tp)
Time within 5℃ of actual Peak Temp (t
Ramp-down Rate
Time 25℃ to Peak Temp (TP)
Do not exceed
10
100
RθJA
RθJC
Typical Transient Thermal Impedance
s)
Pb-Free assembly
(see FIG.5)
s(min))
+150℃
s(max))
+200℃
60-180 secs.
(Liquid us Temp
3℃/sec. Max
3℃/sec. Max
)(Liquid us)
+217℃
60-150 secs.
+260(+0/-5)℃
of actual Peak Temp (tp)
30 secs. Max
6℃/sec. Max
8 min. Max
+260℃
FIG.6: Reflow condition
25
TS(min)
TS(max)
TL
TP
time to peak temperatue
(t 25
to peak)
℃
Preheat
ts
Reflow condition
tp
tL
time to peak temperatue
Time
(t 25
to peak)
℃
Ramp-up
Ramp-down
Preheat
Critical Zone
TL to TP
Rev :
www.leiditech.com
01.06.2014
4/6
SM6S Series 4600W Transient Voltage Suppressor



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com