Electronic Components Datasheet Search
  English  ▼

X  

SM6S Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # SM6S
Description  4600W Transient Voltage Suppressor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

SM6S Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  SM6S Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd SM6S Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd SM6S Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd SM6S Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd SM6S Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd SM6S Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SM6S Series 4600W Transient Voltage Suppressor
DESCRIPTION:
SM6S Series TVS diodes can be used in sensitive electronics
protection against voltage transients induced by inductive load
switching and lighting, especially for automotive load dump
protection application.
FEATURES:
 Available in uni/bi-directional polarity.
 Low forward voltage drop & Low leakage current.
 High surge capability.
 Junction passivation optimized design passivated anisotropic rectifier technology.
 TJ = 175 ℃ capability suitable for high reliability and automotive requirement.
 Meets ISO7637-2 surge specification (varied by test condition).
Meets MSL level 1, per J-STD-020, LF maximum peak of 245℃.
 AEC-Q101 qualified.
 Compliant to ROHS Directive 2002/95/EC and in accordance to WEEE 2002/96/EC
ABSOLUTE MAXIMUM RATINGS (T
A=25ºC, RH=45%-75%, unless otherwise noted)
Parameter
Symbol
Value
Unit
Peak pulse power dissipation on 10/1000us waveform
Ppp
4600
Watts
Peak pulse power dissipation on 10/10000us waveform
3600
Watts
Peak pulse current with 10/1000us waveform
Ipp
See next table
Amps
Power dissipation on infinite heat Sink at TC=25℃
PD
6.0
Watts
Peak forward surge current, 8.3ms single half sine-wave
IFSM
600
Amps
Operating Junction and Storage Temperature Range
TJ ,TSTG
-55 to +150
℃
Typical thermal resistance, junction to case
RθJC
0.95
℃/Watt
Rev :
www.leiditech.com
01.06.2014
1/6


Similar Part No. - SM6S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SM6S VISHAY-SM6S Datasheet
42Kb / 3P
Surface Mount Automotive Transient Voltage Suppressors
01-Aug-02
logo
Socay Electornics Co., ...
SM6S SOCAY-SM6S Datasheet
996Kb / 5P
4600WTransient Voltage Suppressor (TVS)
logo
Vishay Siliconix
SM6S10 VISHAY-SM6S10 Datasheet
42Kb / 3P
Surface Mount Automotive Transient Voltage Suppressors
01-Aug-02
SM6S10 VISHAY-SM6S10 Datasheet
103Kb / 5P
Surface Mount Automotive Transient Voltage Suppressors
20-Oct-08
SM6S10 VISHAY-SM6S10 Datasheet
87Kb / 5P
Surface Mount PAR Transient Voltage Suppressors
18-Apr-11
More results

Similar Description - SM6S

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
Transient Voltage Suppressor / Data Line Transient Suppressor
logo
Taiwan Semiconductor Co...
TLD6S10AH TSC-TLD6S10AH Datasheet
353Kb / 5P
4600W, 10V ??43V Surface Mount Transient Voltage Suppressor
logo
SeCoS Halbleitertechnol...
SM6MXXT-C SECOS-SM6MXXT-C Datasheet
516Kb / 3P
4600W Transient Voltage Suppressors Family
logo
HuaXinAn Electronics CO...
SM6S10A HUAXINAN-SM6S10A Datasheet
364Kb / 4P
4600W Transient Voltage Suppressors
logo
Diodes Incorporated
DM6W10A DIODES-DM6W10A Datasheet
484Kb / 6P
4600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
February 2022 Rev. 5 - 2
DM6W10AQ DIODES-DM6W10AQ Datasheet
861Kb / 6P
4600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
February 2022 Rev. 6 - 2
DM6W27Q DIODES-DM6W27Q Datasheet
552Kb / 6P
4600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
February 2022 Rev. 4 - 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com