Electronic Components Datasheet Search
  English  ▼

X  

SMCJ Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # SMCJ
Description  1500W Transient Voltage Suppressor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

SMCJ Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  SMCJ Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd SMCJ Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd SMCJ Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd SMCJ Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd SMCJ Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd SMCJ Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ELECTRICAL CHARACTERISTICS (T
A=25℃)
Part Number
VR
IR@VR
VBR@IT
IT
VC@IPP
IPP
①
Uni-Polar
Bi-Polar
V
μA
min(V)
max(V)
mA
max(V)
A
SMCJ5.0A
SMCJ5.0CA
5.0
300
6.40
7.00
10
9.2
163.0
SMCJ6.0A
SMCJ6.0CA
6.0
250
6.67
7.37
10
10.3
145.6
SMCJ6.5A
SMCJ6.5CA
6.5
150
7.22
7.98
10
11.2
134.0
SMCJ7.0A
SMCJ7.0CA
7.0
100
7.78
8.60
10
12.0
125.0
SMCJ7.5A
SMCJ7.5CA
7.5
50
8.33
9.21
1
12.9
116.3
SMCJ8.0A
SMCJ8.0CA
8.0
30
8.89
9.83
1
13.6
110.3
SMCJ8.5A
SMCJ8.5CA
8.5
20
9.44
10.40
1
14.4
104.2
SMCJ9.0A
SMCJ9.0CA
9.0
10
10.00
11.10
1
15.4
97.4
SMCJ10A
SMCJ10CA
10
5
11.10
12.30
1
17.0
88.2
SMCJ11A
SMCJ11CA
11
2
12.20
13.50
1
18.2
82.4
SMCJ12A
SMCJ12CA
12
1
13.30
14.70
1
19.9
75.4
SMCJ13A
SMCJ13CA
13
1
14.40
15.90
1
21.5
69.8
SMCJ14A
SMCJ14CA
14
1
15.60
17.20
1
23.2
64.7
SMCJ15A
SMCJ15CA
15
1
16.70
18.50
1
24.4
61.5
SMCJ16A
SMCJ16CA
16
1
17.80
19.70
1
26.0
57.7
SMCJ17A
SMCJ17CA
17
1
18.90
20.90
1
27.6
54.4
SMCJ18A
SMCJ18CA
18
1
20.00
22.10
1
29.2
51.4
SMCJ20A
SMCJ20CA
20
1
22.20
24.50
1
32.4
46.3
SMCJ22A
SMCJ22CA
22
1
24.40
26.90
1
35.5
42.3
SMCJ24A
SMCJ24CA
24
1
26.70
29.50
1
38.9
38.6
SMCJ26A
SMCJ26CA
26
1
28.90
31.90
1
42.1
35.6
SMCJ28A
SMCJ28CA
28
1
31.10
34.40
1
45.4
33.1
SMCJ30A
SMCJ30CA
30
1
33.30
36.80
1
48.4
31.0
SMCJ33A
SMCJ33CA
33
1
36.70
40.60
1
53.3
28.2
SMCJ36A
SMCJ36CA
36
1
40.00
44.20
1
58.1
25.8
SMCJ40A
SMCJ40CA
40
1
44.40
49.10
1
64.5
23.3
SMCJ43A
SMCJ43CA
43
1
47.80
52.80
1
69.4
21.6
SMCJ45A
SMCJ45CA
45
1
50.00
55.30
1
72.7
20.6
SMCJ48A
SMCJ48CA
48
1
53.30
58.90
1
77.4
19.4
SMCJ51A
SMCJ51CA
51
1
56.70
62.70
1
82.4
18.2
SMCJ Series 1500W Transient Voltage Suppressor
Rev :
www.leiditech.com
01.06.2015
2/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com