Electronic Components Datasheet Search
  English  ▼

X  

SMCJ Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # SMCJ
Description  1500W Transient Voltage Suppressor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

SMCJ Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  SMCJ Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd SMCJ Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd SMCJ Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd SMCJ Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd SMCJ Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd SMCJ Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SMCJ Series 1500W Transient Voltage Suppressor
DESCRIPTION
TVS diodes can be used in a wide range of applications
which like consumer electronic products, automotive
industries, munitions, telecommunications, aerospace
industries, and intelligent control systems.
FEATURES
Low profile package.
Low inductance.
Excellent clamping capability.
1500W peak pulse power capability at 10×1000
μs waveform
Typical IR less than 1
μA above 10V.
Fast response time: typically less than 1.0ps from 0V to VBR min.
High temperature to reflow soldering: 260℃/40s at terminals.
Plastic package has underwriters laboratory flammability 94V-0.
Meets MSL level 1, per J-STD020, LF maximum peak of 260℃.
For surface mounted applications in order to optimize board space.
ABSOLUTE MAXIMUM RATINGS (T
A=25℃, RH=45%-75%, unless otherwise noted)
Parameter
Symbol
Value
Unit
Storage temperature range
Tstg
-60 to +150
℃
Operating junction temperature range
Tj
-40 to +150
℃
Steady state power dissipation at TL=50℃
PM(AV)
6.5
W
Peak pulse power dissipation on 10/1000
μs
waveform
PPP
1500
W
Maximum instantaneous forward voltage at
100A for unidirectional
VF
5.0
V
SMC
Symbol
Rev :
www.leiditech.com
01.06.2015
1/6
 AEC-Q101 qualified.


Similar Part No. - SMCJ

ManufacturerPart #DatasheetDescription
logo
Bytes
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Weitron Technology
SMCJ WEITRON-SMCJ Datasheet
190Kb / 4P
1500W Surface Mount Transient Voltage Suppressor
logo
Yangzhou yangjie electr...
SMCJ YANGJIE-SMCJ Datasheet
1Mb / 4P
SURFACE MOUNT TRANSIERT VOLTAGE SUPPRESSOR
logo
UNIOHM CORPORATION
SMCJ UNIOHM-SMCJ Datasheet
359Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SMCJ SECOS-SMCJ Datasheet
430Kb / 4P
1500W Peak Power Surface Mount TVS
More results

Similar Description - SMCJ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
15KE6V8CA DIODES-15KE6V8CA Datasheet
69Kb / 3P
1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 9 - 2
logo
Comchip Technology
1.5KE COMCHIP-1.5KE Datasheet
131Kb / 6P
1500W Transient Voltage Suppressor
logo
Diodes Incorporated
1.5KE6V8A DIODES-1.5KE6V8A Datasheet
89Kb / 3P
1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 9 - 2
1.5KE6V8A DIODES-1.5KE6V8A_1 Datasheet
72Kb / 4P
1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 10 - 2
logo
Sirectifier Global Corp...
1N6267 SIRECT-1N6267 Datasheet
226Kb / 6P
1500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
1.5KE6V8(C)A DIODES-1.5KE6V8(C)A Datasheet
301Kb / 4P
1500W TRANSIENT VOLTAGE SUPPRESSOR
Rev 13.2.2003
logo
Digitron Semiconductors
1N6356 DIGITRON-1N6356 Datasheet
223Kb / 3P
1500W TRANSIENT VOLTAGE SUPPRESSOR
logo
WeEn Semiconductors
SMCJ WEEN-SMCJ Datasheet
598Kb / 7P
1500W Transient Voltage Suppressor
logo
Shanghai Leiditech Elec...
1.5KE LEIDITECH-1.5KE Datasheet
886Kb / 5P
1500W Transient Voltage Suppressor
SMB15J LEIDITECH-SMB15J Datasheet
558Kb / 4P
1500W Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com