Electronic Components Datasheet Search
  English  ▼

X  

SMCJ Datasheet(PDF) 6 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # SMCJ
Description  1500W Transient Voltage Suppressor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

SMCJ Datasheet(HTML) 6 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  SMCJ Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd SMCJ Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd SMCJ Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd SMCJ Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd SMCJ Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd SMCJ Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
TAPE AND REEL SPECIFICATION-SMC
d
P0 P1
P
A
Cathode
PART No.
PACKAGE
QUANTITY
TAPE & REEL
SMCJxxCA/A
SMC(DO-214AB)
3,000
13inch
Dimensions
Millimeters
Inches
Ref.
A
B
d
D
D2
E
F
8.31 ± 0.3
1.55 ± 0.1
330.0
13.3 ± 0.3
1.75 ± 0.2
7.50 ± 0.2
8.00 ± 0.2
P
P0
4.00 ± 0.2
P1
16.0 ± 0.2
2.00 ± 0.2
6.05 ± 0.3
W
19.7 ± 2.0
W1
0.327 ± 0.012
0.061 ± 0.004
13.0
0.069 ± 0.008
0.295 ± 0.008
0.3145 ± 0.008
0.157 ± 0.008
0.630 ± 0.008
0.079 ± 0.008
0.238 ± 0.012
0.776 ± 0.079
0.524 ± 0.012
SMCJ Series 1500W Transient Voltage Suppressor
Shanghai Leiditech Electronic Co.,Ltd
Email: sale1@leiditech.com
Tel : +86- 021 50828806
Fax : +86- 021 50477059
Rev :
www.leiditech.com
01.06.2015
6/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com