Electronic Components Datasheet Search
  English  ▼

X  

CY29772AI Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY29772AI
Description  2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY29772AI Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY29772AI Datasheet HTML 1Page - Cypress Semiconductor CY29772AI Datasheet HTML 2Page - Cypress Semiconductor CY29772AI Datasheet HTML 3Page - Cypress Semiconductor CY29772AI Datasheet HTML 4Page - Cypress Semiconductor CY29772AI Datasheet HTML 5Page - Cypress Semiconductor CY29772AI Datasheet HTML 6Page - Cypress Semiconductor CY29772AI Datasheet HTML 7Page - Cypress Semiconductor CY29772AI Datasheet HTML 8Page - Cypress Semiconductor CY29772AI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
CY29772
Document #: 38-07572 Rev. *A
Page 4 of 12
Table 6. Function Table (FB_OUT)
VCO_SEL FB_SEL2 FB_SEL1 FB_SEL0
FB_OUT
00
0
0
÷8
00
0
1
÷12
00
1
0
÷16
00
1
1
÷20
01
0
0
÷16
01
0
1
÷24
01
1
0
÷32
01
1
1
÷40
10
0
0
÷4
10
0
1
÷6
10
1
0
÷8
10
1
1
÷10
11
0
0
÷8
11
0
1
÷12
11
1
0
÷16
11
1
1
÷20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com