Electronic Components Datasheet Search
  English  ▼

X  

CY29772AI Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY29772AI
Description  2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY29772AI Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY29772AI Datasheet HTML 1Page - Cypress Semiconductor CY29772AI Datasheet HTML 2Page - Cypress Semiconductor CY29772AI Datasheet HTML 3Page - Cypress Semiconductor CY29772AI Datasheet HTML 4Page - Cypress Semiconductor CY29772AI Datasheet HTML 5Page - Cypress Semiconductor CY29772AI Datasheet HTML 6Page - Cypress Semiconductor CY29772AI Datasheet HTML 7Page - Cypress Semiconductor CY29772AI Datasheet HTML 8Page - Cypress Semiconductor CY29772AI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
CY29772
Document #: 38-07572 Rev. *A
Page 3 of 12
Table 1. Frequency Table
Feedback Output
Divider
VCO
Input Frequency Range
(AVDD = 3.3V)
Input Frequency Range
(AVDD = 2.5V)
÷4
Input Clock * 4
50 MHz to 125 MHz
50 MHz to 95 MHz
÷6
Input Clock * 6
33.3 MHz to 83.3 MHz
33.3 MHz to 63.3 MHz
÷8
Input Clock * 8
25 MHz to 62.5 MHz
25 MHz to 47.5 MHz
÷10
Input Clock * 10
20 MHz to 50 MHz
20 MHz to 38 MHz
÷12
Input Clock * 12
16.6 MHz to 41.6 MHz
16.6 MHz to 31.6 MHz
÷16
Input Clock * 16
12.5 MHz to 31.25 MHz
12.5 MHz to 23.75 MHz
÷20
Input Clock * 20
10 MHz to 25 MHz
10 MHz to 19 MHz
÷24
Input Clock * 24
8.3 MHz to 20.8 MHz
8.3 MHz to 15.8 MHz
÷32
Input Clock * 32
6.25 MHz to 15.625 MHz
6.25 MHz to 11.8 MHz
÷40
Input Clock * 40
5 MHz to 12.5 MHz
5 MHz to 9.5MHz
Table 2. Function Table (Configuration Controls)
Control
Default
0
1
REF_SEL
1
TCLK0, TCLK1
Crystal oscillator
TCLK_SEL
1
TCLK0
TCLK1
VCO_SEL
1
VCO
÷2 (low input frequency range)
VCO
÷1 (high input frequency range)
PLL_EN
1
Bypass mode, PLL disabled. The input clock connects to the
output dividers
PLL enabled. The VCO output connects
to the output dividers
INV_CLK
1
QC2 and QC3 are in phase with QC0 and QC1
QC2 and QC3 are inverted (180° phase
shift) with respect to QC0 and QC1
MR#/OE
1
Outputs disabled (three-state) and reset of the device. During
reset/output disable the PLL feedback loop is open and the
VCO running at its minimum frequency. The device is reset
by the internal power-on reset (POR) circuitry during
power-up.
Outputs enabled
Table 3. Function Table (Bank A)
VCO_SEL
SELA1
SELA0
QA(0:3)
00
0
÷8
00
1
÷12
01
0
÷16
01
1
÷24
10
0
÷4
10
1
÷6
11
0
÷8
11
1
÷12
Table 4. Function Table (Bank B)
VCO_SEL
SELB1
SELB0
QB(0:3)
00
0
÷8
00
1
÷12
01
0
÷16
01
1
÷20
10
0
÷4
10
1
÷6
11
0
÷8
11
1
÷10
Table 5. Function Table (Bank C)
VCO_SEL
SELC1
SELC0
QC(0:3)
00
0
÷4
00
1
÷8
01
0
÷12
01
1
³16
10
0
÷2
10
1
÷4
11
0
÷6
11
1
÷8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com