Electronic Components Datasheet Search
  English  ▼

X  

CY29772AI Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY29772AI
Description  2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY29772AI Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY29772AI Datasheet HTML 3Page - Cypress Semiconductor CY29772AI Datasheet HTML 4Page - Cypress Semiconductor CY29772AI Datasheet HTML 5Page - Cypress Semiconductor CY29772AI Datasheet HTML 6Page - Cypress Semiconductor CY29772AI Datasheet HTML 7Page - Cypress Semiconductor CY29772AI Datasheet HTML 8Page - Cypress Semiconductor CY29772AI Datasheet HTML 9Page - Cypress Semiconductor CY29772AI Datasheet HTML 10Page - Cypress Semiconductor CY29772AI Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
CY29772
Document #: 38-07572 Rev. *A
Page 7 of 12
tJIT(CC)
Cycle-to-Cycle Jitter
Same frequency (125 MHz)
RMS (1
σ)
–7
30
ps
Same frequency
–
–
150
Multiple frequencies
–
–
435
tJIT(PER)
Period Jitter
Same frequency (125 MHz)
RMS (1
σ)
–6
30
ps
Same frequency
–
45
75
Multiple frequencies
–
–
235
tJIT(φ)
I/O Phase Jitter
–
–
150
ps
tLOCK
Maximum PLL Lock Time
–
–
1
ms
AC Parameters (VDD = 3.3V ± 5%, TA = –40°C to +85°C) [6]
Parameter
Description
Condition
Min.
Typ.
Max.
Unit
fVCO
VCO Frequency
200
–
500
MHz
fXTAL
Crystal Frequency Range
See Table 7
10
–
25
MHz
fin
Input Frequency
÷4 Feedback
50
–
125
MHz
÷6 Feedback
33.3
–
83.3
÷8 Feedback
25
–
62.5
÷10 Feedback
20
–
50
÷12 Feedback
16.6
–
41.6
÷16 Feedback
12.5
–
31.25
÷20 Feedback
10
–
25
÷24 Feedback
8.3
–
20.8
÷32 Feedback
6.25
–
15.625
÷40 Feedback
5
–
12.5
Bypass mode (PLL_EN = 0)
0
–
200
frefDC
Input Duty Cycle
25
–
75
%
tr, tf
TCLK Input Rise/FallTime
0.8V to 2.0V
–
–
1.0
ns
fMAX
Maximum Output Frequency
÷2 Output
100
–
200
MHz
÷4 Output
50
–
125
÷6 Output
33.3
–
83.3
÷8 Output
25
–
62.5
÷10 Output
20
–
50
fMAX
Maximum Output Frequency
(continued)
÷12 Output
16.6
–
41.6
MHz
÷16 Output
12.5
–
31.25
÷20 Output
10
–
25
÷24 Output
8.3
–
20.8
fSCLK
Serial Clock Frequency
–
–
20
MHz
DC
Output Duty Cycle
fMAX < 100 MHz
48
–
52
%
fMAX > 100 MHz
45
–
55
tr, tf
Output Rise/Fall times
0.55V to 2.4V
0.1
–
1.0
ns
t(φ)
Propagation Delay (static phase
offset)
TCLK to FB_IN, same VDD
–125
–
125
ps
tsk(O)
Output-to-Output Skew
Skew within Bank A
–
–
75
ps
Skew within Bank B
–
–
100
AC Electrical Specifications (VDD = 2.5V ± 5%, TA = –40°C to +85°C) (continued)[6]
Parameter
Description
Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com