Electronic Components Datasheet Search
  English  ▼

X  

SPB09 Datasheet(PDF) 3 Page - Mean Well Enterprises Co., Ltd.

Part # SPB09
Description  9W SIP Package DC-DC Regulated Converter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SPB09 Datasheet(HTML) 3 Page - Mean Well Enterprises Co., Ltd.

  SPB09 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. SPB09 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. SPB09 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. SPB09 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. SPB09 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SPECIFICATION
SAFETY &
WITHSTAND VOLTAGE
ISOLATION RESISTANCE
Conducted
EN55032(CISPR32)
Radiated
ESD
EN61000-4-2
EN61000-4-3
EN61000-4-4
EN61000-4-5
EN61000-4-6
EN61000-4-8
Radiated Susceptibility
EFT/Burest
Surge
Conducted
Magnetic Field
275Khrs MIL-HDBK-217F(25
)
℃
24*9.6*11.2mm (0.94*0.38*0.44 inch)
EN55032(CISPR32)
EMC EMISSION
VOLTAGE RANGE
FILTER
PROTECTION
VOLTAGE ACCURACY
RATED POWER
SHORT CIRCUIT
INPUT
OUTPUT
PROTECTION
ENVIRONMENT
WORKING TEMP.
CASE TEMPERATURE
WORKING HUMIDITY
COOLING
STORAGE TEMP., HUMIDITY
TEMP. COEFFICIENT
VIBRATION
SOLDERING TEMPERATURE
A: 9~18Vdc , B: 18~36Vdc , C: 36~75Vdc
Internal capacitor
±1.5%
9W
100mVp-p
0.5%
-40 ~ +
(Refer to "Derating Curve")
90
℃
+115
max.
℃
20% ~ 90% RH non-condensing
Free-air convection
-40 ~ +1
, 10 ~ 95%
25
RH non-condensing
℃
0.03% /
(0 ~ 70
)
℃℃
1.5mm from case of 1 ~ 3sec./260
max.
℃
10 ~ 500Hz, 2G 10min./1cycle, period for 60min. each along X, Y, Z axes
I/P-O/P:1.5KVDC
I/P-O/P:100M Ohms / 500VDC / 25
/ 70% RH
℃
500pF
Fuse recommended. 12Vin models: 2A Slow-Blow, 24Vin models: 1A Slow-Blow Type, 48Vin models: 600mA Slow-Blow Type
400KHz
Protection type : Continuous, automatic recovery
120 ~ 250% rated output power
Protection type : Recovers automatically after fault condition is removed
Single output models:
0.5% (
1% for 3.3Vout model), Dual output models:
0.5%
±±
±
REMOTE CONTROL
FUNCTION
Power ON: R.C. ~ -Vin >2.5Vdc or open circuit ; Power OFF: R.C. ~ -Vin <0.8Vdc or short
Parameter
Standard
Parameter
Standard
Test Level / Note
Test Level / Note
MTBF
DIMENSION (L*W*H)
EMC IMMUNITY
OTHERS
CASE MATERIAL
Non-Conductive black plastic (UL 94V-0 rated)
PACKING
5g
NOTE
1.All parameters are specified at normal input(A:12Vdc, B:24Vdc, C:48Vdc), rated load, 25 70% RH ambient.
℃
2.Ripple & noise are measured at 20MHz by using a 12" twisted pair terminated with a 0.1 f & 47 f capacitor.
μμ
3.Line regulation is measured from low line to high line at rated load.
4.Load regulation is measured from 10% to 100% rated load.
5.The final equipment must be re-confirm that it still meet EMC directives. For guidance on how to perform these EMC tests, please
refer to “EMI testing of component power supplies.”(as available on http://www.meanwell.com)
OVERLOAD
RIPPLE & NOISE
Note.2
LINE REGULATION Note.3
LOAD REGULATION Note.4
SWITCHING FREQUENCY (Min.)
ISOLATION CAPACITANCE (Typ.)
N/A
EMC
(5)
Note.
Class A (with external components)
Level 2, 3V/m
Level 3,
8KV air, Level 2 4KV contact
±±
Level 2, 3V(e.m.f.)
Level 2, 0.5KV Line-Line
Level 2, 0.5KV at power
Level 1, 1A/m
SAFETY STANDARDS
EAC TP TC 004 approved
File Name:SPB09,DPB09-SPEC 2019-04-15
9W SIP Package DC-DC Regulated Converter
SPB09 & DPB09 series



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com