Electronic Components Datasheet Search
  English  ▼

X  

SPB09 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # SPB09
Description  9W SIP Package DC-DC Regulated Converter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SPB09 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  SPB09 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. SPB09 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. SPB09 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. SPB09 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. SPB09 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MODEL SELECTION TABLE
ORDER NO.
INPUT
OUTPUT
INPUT CURRENT
OUTPUT
VOLTAGE
EFFICIENCY
(TYP.)
CAPACITOR LOAD
(MAX.)
OUTPUT
CURRENT
NO LOAD
FULL LOAD
INPUT VOLTAGE
(RANGE)
SPB09A-03
SPB09B-03
SPB09C-03
SPB09A-05
SPB09B-05
SPB09C-05
SPB09A-12
SPB09B-12
SPB09C-12
SPB09A-15
SPB09B-15
SPB09C-15
SPB09A-24
SPB09B-24
SPB09C-24
DPB09A-05
DPB09B-05
DPB09C-05
DPB09A-12
DPB09B-12
DPB09C-12
DPB09A-15
DPB09B-15
DPB09C-15
Normal 12V
(9 ~ 18V)
Normal 24V
(18 ~ 36V)
Normal 48V
(36 ~ 75V)
3.3V
3.3V
3.3V
5V
5V
5V
12V
12V
12V
15V
15V
15V
24V
24V
24V
5V
±
5V
±
5V
±
12V
±
12V
±
12V
±
15V
±
15V
±
15V
±
671mA
335mA
168mA
800mA
392mA
196mA
852mA
426mA
213mA
852mA
421mA
213mA
852mA
421mA
211mA
784mA
392mA
198mA
862mA
431mA
216mA
862mA
431mA
216mA
12mA
6mA
5mA
12mA
8mA
5mA
12mA
12mA
5mA
12mA
12mA
5mA
15mA
20mA
15mA
15mA
10mA
6mA
22mA
15mA
8mA
20mA
15mA
8mA
0 ~ 2000mA
0 ~ 2000mA
0 ~ 2000mA
0 ~ 1600mA
0 ~ 1600mA
0 ~ 1600mA
0 ~ 750mA
0 ~ 750mA
0 ~ 750mA
0 ~ 600mA
0 ~ 600mA
0 ~ 600mA
0 ~ 375mA
0 ~ 375mA
0 ~ 375mA
0 ~ 800mA
±
0 ~ 800mA
±
0 ~ 800mA
±
0 ~ 375mA
±
0 ~ 375mA
±
0 ~ 375mA
±
0 ~ 300mA
±
0 ~ 300mA
±
0 ~ 300mA
±
82%
82%
82%
83%
85%
85%
88%
88%
88%
88%
89%
88%
88%
89%
89%
85%
85%
84%
88%
87%
87%
88%
87%
87%
1000 F
μ
1000 F
μ
1000 F
μ
1000 F
μ
1000 F
μ
1000 F
μ
220 F
μ
220 F
μ
220 F
μ
100 F
μ
100 F
μ
100 F
μ
100 F
μ
100 F
μ
100 F
μ
470 F
μ
470 F
μ
470 F
μ
100 F
μ
100 F
μ
100 F
μ
47 F
μ
47 F
μ
47 F
0
μ
File Name:SPB09,DPB09-SPEC 2019-04-15
9W SIP Package DC-DC Regulated Converter
SPB09 & DPB09 series
* For each output



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com