Electronic Components Datasheet Search
  English  ▼

X  

SPB09 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # SPB09
Description  9W SIP Package DC-DC Regulated Converter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SPB09 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  SPB09 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. SPB09 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. SPB09 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. SPB09 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. SPB09 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
■ Model Encoding
SIP8 package with industry standard pinout
2:1 wide input range
Operating temperature range -40 ~ +90℃
No minimum load required
High efficiency up to 89%
Protections: Short circuit (Continuous) / Overload /
Input under voltage
1.5KVDC I/O isolation
Remote ON/OFF control
9V model available(optional)
3 years warranty
■ Features
File Name:SPB09,DPB09-SPEC 2019-04-15
■ Applications
■ Description
SP
and DP
series are W isolated and
module type DC-DC converter with SIP
B09
B09
9
regulated
8
package. It features international standard pins, a high efficiency up to 8 %,
working temperature
9
wide
range -40~+
, . KVDC I/P-O/P isolation voltage,
-mode short circuit protection, etc.
90
1 5
continuous
℃
The models account for different input voltage 9~18V and 18~36V and 36~75V 2:1 wide input range,
and various output voltage, .
/5V/12V/15V
single output and ±5V/±12V/±15V
dual
3 3V
/24V for
for
outputs, which are suitable for all kinds of systems, uch as industrial control, telecommunication
s
field, distributed power architecture, and so on.
Output voltage (3 3 5
5
. / / /
± /± /±
12 15/24Vdc
12 15Vdc)
,
Rated wattage
Input voltage (A: 9~18Vdc B: 18~36Vdc C: 36~75Vdc)
,,
Series name
- 12
S PB09 A
S:Single output
D:Dual output
{
9W SIP Package DC-DC Regulated Converter
Telecom datacom system
/
Wireless network
Industrial control facility
Instrument
Analyzer
Detector
Data switch
SPB09 & DPB09 series


Similar Part No. - SPB09

ManufacturerPart #DatasheetDescription
logo
StarHope
SPB090AA SPSEMI-SPB090AA Datasheet
677Kb / 4P
ADSL MODEM?갌AX?갩ELEPHONE
SPB090AS SPSEMI-SPB090AS Datasheet
677Kb / 4P
ADSL MODEM?갌AX?갩ELEPHONE
SPB090F SPSEMI-SPB090F Datasheet
728Kb / 4P
ADSL MODEM?갌AX?갩ELEPHONE
SPB090F SPSEMI-SPB090F Datasheet
45Kb / 3P
Gas Discharge Tube SPB Series
SPB090FA SPSEMI-SPB090FA Datasheet
677Kb / 4P
ADSL MODEM?갌AX?갩ELEPHONE
More results

Similar Description - SPB09

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
E0305KS-1W5 MORNSUN-E0305KS-1W5 Datasheet
166Kb / 2P
OUTPUT SIP PACKAGE DC-DC CONVERTER
logo
Delta Electronics, Inc.
PB01S DELTA-PB01S Datasheet
211Kb / 5P
1W DC/DC CONVERTER, SIP-Package
logo
Minmax Technology Co., ...
MA01 MINMAX-MA01_16 Datasheet
656Kb / 4P
DC/DC CONVERTER 1W, SIP-Package
MA03 MINMAX-MA03_16 Datasheet
551Kb / 4P
DC/DC CONVERTER 3W, SIP-Package
MAU100 MINMAX-MAU100_16 Datasheet
579Kb / 4P
DC/DC CONVERTER 1W, SIP-Package
MAU300 MINMAX-MAU300_16 Datasheet
665Kb / 4P
DC/DC CONVERTER 2W, SIP-Package
logo
Mean Well Enterprises C...
SPAN02 MEANWELL-SPAN02 Datasheet
108Kb / 4P
2W SIP Package DC-DC Regulated Converter
SPBW03 MEANWELL-SPBW03 Datasheet
116Kb / 4P
3W SIP Package DC-DC Regulated Converter
SPBW06 MEANWELL-SPBW06 Datasheet
119Kb / 5P
6W SIP Package DC-DC Regulated Converter
SPRN01 MEANWELL-SPRN01 Datasheet
101Kb / 4P
1W SIP Package DC-DC Regulated Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com