Electronic Components Datasheet Search
  English  ▼

X  

ATS635LSE Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # ATS635LSE
Description  Programmable Back Biased Hall-Effect Switch with TPOS Functionality
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS635LSE Datasheet(HTML) 4 Page - Allegro MicroSystems

  ATS635LSE Datasheet HTML 1Page - Allegro MicroSystems ATS635LSE Datasheet HTML 2Page - Allegro MicroSystems ATS635LSE Datasheet HTML 3Page - Allegro MicroSystems ATS635LSE Datasheet HTML 4Page - Allegro MicroSystems ATS635LSE Datasheet HTML 5Page - Allegro MicroSystems ATS635LSE Datasheet HTML 6Page - Allegro MicroSystems ATS635LSE Datasheet HTML 7Page - Allegro MicroSystems ATS635LSE Datasheet HTML 8Page - Allegro MicroSystems ATS635LSE Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
ATS635LSE and ATS636LSE
PROGRAMMABLE TRUE POWER-ON HALL-EFFECT GEAR-TOOTH SWITCHES
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
Copyright © 2005 Allegro MicroSystems, Inc.
REFERENCE TARGET DIMENSIONS
Target
Outside
Diameter
(Do)
Face Width
(F)
Circular Tooth
Length
(T)
Circular Valley
Length
(PC – T)
Tooth Whole
Depth
(ht)
Reference Target
120mm
6mm
23.5mm
23.5mm
5mm
GEAR PARAMETERS FOR CORRECT OPERATION
Limits
Characteristic
Description
Min.
Typ.
Max.
Units
Tooth Whole Depth (ht)
Depth of Target Valley
5
–
–
mm
Circular Valley Length (PC – T)
Length of Target Valley
13
–
–
mm
Circular Tooth Length (T)
Length of Target Tooth
5
–
–
mm
Face Width (F)
Thickness or Width of Target Tooth
5
–
–
mm
MATERIAL:
CRS 1018
Reference Target
Reference Target



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com