Electronic Components Datasheet Search
  English  ▼

X  

ATS635LSE Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # ATS635LSE
Description  Programmable Back Biased Hall-Effect Switch with TPOS Functionality
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS635LSE Datasheet(HTML) 1 Page - Allegro MicroSystems

  ATS635LSE Datasheet HTML 1Page - Allegro MicroSystems ATS635LSE Datasheet HTML 2Page - Allegro MicroSystems ATS635LSE Datasheet HTML 3Page - Allegro MicroSystems ATS635LSE Datasheet HTML 4Page - Allegro MicroSystems ATS635LSE Datasheet HTML 5Page - Allegro MicroSystems ATS635LSE Datasheet HTML 6Page - Allegro MicroSystems ATS635LSE Datasheet HTML 7Page - Allegro MicroSystems ATS635LSE Datasheet HTML 8Page - Allegro MicroSystems ATS635LSE Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Programmable Back Biased Hall-Effect
Switch with TPOS Functionality
PACKAGE DIAGRAM
Pin 1 = VCC
Pin2=VOUT
Pin3=NoConnect
Pin 4 = GND
The ATS635LSE and ATS636LSE programmable, true power-on state
(TPOS), sensors are an optimized Hall-effect IC and magnet combination
that switch in response to magnetic signals created by ferrous targets in
gear-tooth sensing and proximity applications.
The devices are externally programmable.
A wide range of
programmability is available on the magnetic operate point (BOP) while the
hysteresis remains fixed. This advanced feature allows for optimization of
the sensor switch point and can drastically reduce the effects of
mechanical placement tolerances found in production environments .
A proprietary dynamic offset cancellation technique, with an internal
high-frequency clock, reduces the residual offset voltage, which is normally
caused by device overmolding, temperature dependencies, and thermal
stress. Having the Hall element and amplifier in a single chip minimizes
many problems normally associated with low-level analog signals.
This sensor system is ideal for use in gathering speed or position
information using gear-tooth-based configurations, or for proximity sensing
with ferrous targets.
The ATS635LSE switches HIGH in the presence of a ferrous target or
tooth and switches LOW in the presence of a target valley, window, or
when the ferrous target is removed. The ATS636LSE has the opposite
polarity and switches LOW in the presence of a ferrous target or tooth and
switches HIGH in the presence of a target valley, window, or when the
ferrous target is removed.
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, VCC………………….…….. 28 V*
Reverse Supply Voltage, VRCC…………… -18 V
Overvoltage Supply Current, ICC…..……100 mA
Output Off Voltage, VOUT…………………… 26.5V
Output Sink Current, IOUT…...…………. 20 mA
†
Magnetic Flux Density, B…………… Unlimited
Package Power Dissipation, PD….. See Graph
Operating Temperature Range, TA
Suffix “L”………...……….. -40°Cto+150°C
Junction Temperature, TJ……..…………..165 °C
Storage Temperature Range
TS ………………………… -65°Cto+170°C
*Fault conditions that produce supply voltage transients will
be clamped by an internal Zener diode. These conditions
can be tolerated but should be avoided.
† Internal current limiting is intended to protect the device
from output short circuits, but is not intended for continuous
operation.
FEATURES
Chopper Stabilization
Extremely low switch-point drift over temperature
On-chip Protection
Supply transient protection
Output short-circuit protection
Reverse-battery protection
True Zero-Speed Operation
True Power-On State
Single-chip Sensing IC for High Reliability
Optimized Magnetic Circuit
Wide Operating Voltage Range
Internal Regulator
These devices are available in lead (Pb) free versions, with 100%
matte tin leadframe plating.
ATS635LSE and ATS636LSE
ATS635LSE-DS
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
Allegro MicroSystems, Inc.
Use the following complete part numbers when ordering:
Part Number
Pb-Free
Output
(Tooth)
Packing*
ATS635LSETN-T
Yes
High
13-in. reel, 450 pieces/reel
ATS636LSETN-T
Yes
Low
13-in. reel, 450 pieces/reel
*Contact Allegro for additional packing options.


Similar Part No. - ATS635LSE

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ATS632LSA ALLEGRO-ATS632LSA Datasheet
153Kb / 12P
TRUE ZERO-SPEED HALL-EFFECT GEAR-TOOTH SENSOR
ATS632LSA ALLEGRO-ATS632LSA Datasheet
118Kb / 12P
ZERO-SPEED, SELF-CALIBRATING, NON-ORIENTED, HALL-EFFECT GEAR-TOOTH SENSOR
ATS632LSA ALLEGRO-ATS632LSA Datasheet
75Kb / 12P
ZERO-SPEED, SELF-CALIBRATING, NON-ORIENTED, HALL-EFFECT GEAR-TOOTH SENSOR
April 8, 1998
ATS632LSA ALLEGRO-ATS632LSA Datasheet
214Kb / 16P
TRUE ZERO-SPEED, HALL-EFFECT ADAPTIVE GEAR-TOOTH SENSOR
ATS632LSC ALLEGRO-ATS632LSC Datasheet
75Kb / 12P
ZERO-SPEED, SELF-CALIBRATING, NON-ORIENTED, HALL-EFFECT GEAR-TOOTH SENSOR
April 8, 1998
More results

Similar Description - ATS635LSE

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3150 ALLEGRO-3150 Datasheet
100Kb / 12P
PROGRAMMABLE, CHOPPERSTABILIZED, HALL-EFFECT SWITCH
April 12, 1999
logo
Diodes Incorporated
AH1892 DIODES-AH1892 Datasheet
299Kb / 11P
PROGRAMMABLE MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR SWITCH
Rev 1
logo
Micronas
HAL1000UT-A MICRONAS-HAL1000UT-A Datasheet
1Mb / 30P
Programmable Hall Switch
logo
Allegro MicroSystems
A1128LLTTR-T ALLEGRO-A1128LLTTR-T Datasheet
362Kb / 20P
Highly Programmable Hall-Effect Switch
A1232 ALLEGRO-A1232 Datasheet
515Kb / 22P
Ultra-Sensitive, Hall-Effect Speed and Direction Sensor with TPOS
ATS128 ALLEGRO-ATS128 Datasheet
539Kb / 25P
Highly Programmable, Back-Biased, Hall-Effect Switch
A1162 ALLEGRO-A1162 Datasheet
656Kb / 23P
Programmable Precision Hall-Effect Switch with Advanced Diagnostics
A1128 ALLEGRO-A1128 Datasheet
963Kb / 20P
Highly Programmable Hall-Effect Switch
logo
Micronas
HAL1002 MICRONAS-HAL1002 Datasheet
400Kb / 29P
Highly Precise Programmable Hall-Effect Switch
logo
Melexis Microelectronic...
MLX92361 MELEXIS-MLX92361 Datasheet
795Kb / 18P
Isolated output programmable Hall Effect Latch/Switch/Omnipolar switch
REVISION 2 - FEBRUARY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com