Electronic Components Datasheet Search
  English  ▼

X  

ATS635LSE Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # ATS635LSE
Description  Programmable Back Biased Hall-Effect Switch with TPOS Functionality
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS635LSE Datasheet(HTML) 3 Page - Allegro MicroSystems

  ATS635LSE Datasheet HTML 1Page - Allegro MicroSystems ATS635LSE Datasheet HTML 2Page - Allegro MicroSystems ATS635LSE Datasheet HTML 3Page - Allegro MicroSystems ATS635LSE Datasheet HTML 4Page - Allegro MicroSystems ATS635LSE Datasheet HTML 5Page - Allegro MicroSystems ATS635LSE Datasheet HTML 6Page - Allegro MicroSystems ATS635LSE Datasheet HTML 7Page - Allegro MicroSystems ATS635LSE Datasheet HTML 8Page - Allegro MicroSystems ATS635LSE Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
ATS635LSE and ATS636LSE
PROGRAMMABLE TRUE POWER-ON HALL-EFFECT GEAR-TOOTH SWITCHES
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
Copyright © 2005 Allegro MicroSystems, Inc.
MAGNETIC CHARACTERISTICS over operating voltage and junction temperature range using
reference target (Unless otherwise noted)
Limits
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Switch Point
–
7
–
Bit
Switch Point Polarity
–
1
–
Bit
Number of Programming
Bits
-
Programming Lock
–
1
–
Bit
Gear Tooth Sensor / Proximity Sensing Characteristics (Low Switchpoint Only)
Temp: 25°C Code –127
2.5
–
–
mm
1Programming Air Gap
Range
AGRange
Temp: 25°C Code +127
–
–
1.5
mm
Programming Resolution
AGRes
Temperature: 25°C
Program Air Gap = 2.5 mm
–
0.05
–
mm
2Air Gap Drift Over Full
Temperature Range
AGDrift
Device Programmed
to 2.5 mm
–
0.2
–
mm
Over Tooth (ATS635LSE)
–
HIGH
–
–
Over Valley (ATS635LSE)
–
LOW
–
–
Over Tooth (ATS636LSE)
–
LOW
–
–
Polarity
P
Over Valley (ATS636LSE)
–
HIGH
–
–
1 The switch point will vary over temperature. A sufficient margin obtained through customer testing is required to guarantee functionality over
temperature. Programming at larger air gaps leaves no safety margin for switchpoint drift. See the applications note: “Proximity Sensing
Programming Technique” http://www.allegromicro.com/techpub2/proximity_sensing/ or visit the Allegro website at http://www.allegromicro.com
for additional information.
2 The switch point will vary over temperature, proportionally to the programmed air gap. This parameter is based on characterization data and is not
a tested parameter in production. Switch point air gap generally drifts downward as temperature increases.
Tooth and Valley Field vs. Air Gap
Reference Target
0
200
400
600
800
1000
1200
1400
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Air Gap [mm]
Reference Target Tooth
Reference Target Valley
Reference Target Tooth and Valley Field vs. Air Gap
Reference Target Flux Density vs. Position
0
200
400
600
800
1000
1200
1400
0
30
60
90 120 150 180 210 240 270 300 330 360
Position (º)
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
2.75
3.00
3.25
3.50
3.75
4.00
4.25
4.50
4.75
5.00
5.25
5.50
5.75
6.00
Reference Target Flux Density vs. Position: Typical



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com