Electronic Components Datasheet Search
  English  ▼

X  

EL2257CS Datasheet(PDF) 1 Page - Intersil Corporation

Part # EL2257CS
Description  125MHz Single Supply, Clamping Op Amp
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2257CS Datasheet(HTML) 1 Page - Intersil Corporation

  EL2257CS Datasheet HTML 1Page - Intersil Corporation EL2257CS Datasheet HTML 2Page - Intersil Corporation EL2257CS Datasheet HTML 3Page - Intersil Corporation EL2257CS Datasheet HTML 4Page - Intersil Corporation EL2257CS Datasheet HTML 5Page - Intersil Corporation EL2257CS Datasheet HTML 6Page - Intersil Corporation EL2257CS Datasheet HTML 7Page - Intersil Corporation EL2257CS Datasheet HTML 8Page - Intersil Corporation EL2257CS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
®
FN7063
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2003. All Rights Reserved. Elantec is a registered trademark of Elantec Semiconductor, Inc.
All other trademarks mentioned are the property of their respective owners.
EL2257
125MHz Single Supply, Clamping Op Amp
The EL2257 is a single supply op amp.
Prior single supply op amps have
generally been limited to bandwidths
and slew rates one-fourth of that of the EL2257. The
125MHz bandwidth, 275V/µs slew rate and 0.05%/0.05°
differential gain/differential phase makes this part ideal for
single or dual supply video speed applications. With its
voltage feedback architecture, this amplifier can accept
reactive feedback networks, allowing them to be used in
analog filtering applications. The inputs can sense signals
below the bottom supply rail and as high as 1.2V below the
top rail. Connecting the load resistor to ground and operating
from a single supply, the outputs swing completely to ground
without saturating. The outputs can also drive to within 1.2V
of the top rail. The EL2257 will output ±100mA and will
operate with single supply voltages as low as 2.7V, making
them ideal for portable, low power applications.
The EL2257 has a high speed disable feature. Applying a
low logic level to all ENABLE pins reduces the supply current
to 0µA within 50ns. Each amplifier has its own ENABLE pin.
This is useful for both multiplexing and reducing power
consumption.
The EL2257 also has an output voltage clamp feature. This
clamp is a fast recovery (< 7ns) output clamp that prevents
the output voltage from going above the preset clamp
voltage. This feature is desirable for A/D applications, as A/D
converters can require long times to recover if overdriven.
The EL2257 is available in 14-pin SO (0.150") and 14-pin
PDIP packages and operates over the industrial temperature
range of -40°C to +85°C. For single amplifier applications,
see the EL2150 and EL2157. For space-saving, industry-
standard pinout dual and quad applications, see the EL2250
and EL2450.
Features
• Specified for +3V, +5V, or ± 5V applications
• Power-down to 0µA
• Output voltage clamp
• Large input common-mode range 0V < VCM < VS - 1.2V
• Output swings to ground without saturating
• -3dB bandwidth = 125MHz
• ±0.1dB bandwidth = 30MHz
• Low supply current = 5mA
• Slew rate = 275V/µs
• Low offset voltage = 4mV max
• Output current = ±100mA
• High open loop gain = 80dB
• Differential gain = 0.05%
• Differential phase = 0.05°
Applications
• Video amplifiers
• PCMCIA applications
•A/D drivers
• Line drivers
• Portable computers
• High speed communications
• RGB printer, fax, scanner applications
• Broadcast equipment
• Active filtering
• Multiplexing
Pinout
EL2257
[14-PIN SO (0.150”), PDIP]
TOP VIEW
Ordering Information
PART NUMBER
PACKAGE
TAPE &
REEL
PKG. NO.
EL2257CS
14-Pin SO (0.150")
-
MDP0027
EL2257CS-T7
14-Pin SO (0.150")
7”
MDP0027
EL2257CS-T13
14-Pin SO (0.150")
13”
MDP0027
EL2257CN
14-Pin PDIP
-
MDP0031
1
2
3
4
14
13
12
11
5
6
7
10
9
8
-
+
-
+
INA+
CLAMPA
ENABLEA
GND
ENABLEB
CLAMPB
INB+
INA-
OUTA
NC
VS+
NC
OUTB
INB-
Data Sheet
February 28, 2002


Similar Part No. - EL2257CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2257CS ELANTEC-EL2257CS Datasheet
1Mb / 21P
125 MHz Single Supply, Clamping Op Amps
More results

Similar Description - EL2257CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2150C ELANTEC-EL2150C Datasheet
488Kb / 20P
125 MHz Single Supply, Clamping Op Amps
EL2250C ELANTEC-EL2250C Datasheet
595Kb / 17P
125MHz Single Supply Dual/Quad Op Amps
EL2257C ELANTEC-EL2257C Datasheet
1Mb / 21P
125 MHz Single Supply, Clamping Op Amps
logo
Linear Technology
LT1006 LINER-LT1006 Datasheet
878Kb / 12P
Precision, Single Supply Op Amp
LT1006S8 LINER-LT1006S8 Datasheet
219Kb / 4P
Precision, Single Supply Op Amp?
logo
Intersil Corporation
EL2150 INTERSIL-EL2150 Datasheet
620Kb / 19P
125MHz Single Supply, Clamping Op Amps
March 12, 2004
EL2450 INTERSIL-EL2450 Datasheet
419Kb / 15P
125MHz Single Supply Dual/Quad Op Amps
June 7, 2005
EL2250 INTERSIL-EL2250_06 Datasheet
362Kb / 15P
125MHz Single Supply Dual/Quad Op Amps
logo
Linear Technology
LT1006 LINER-LT1006_15 Datasheet
302Kb / 16P
Precision, Single Supply Op Amp
logo
Renesas Technology Corp
EL2250 RENESAS-EL2250 Datasheet
952Kb / 15P
125MHz Single Supply Dual/Quad Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com