Electronic Components Datasheet Search
  English  ▼

X  

EL2257CS Datasheet(PDF) 13 Page - Intersil Corporation

Part # EL2257CS
Description  125MHz Single Supply, Clamping Op Amp
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2257CS Datasheet(HTML) 13 Page - Intersil Corporation

Back Button EL2257CS Datasheet HTML 9Page - Intersil Corporation EL2257CS Datasheet HTML 10Page - Intersil Corporation EL2257CS Datasheet HTML 11Page - Intersil Corporation EL2257CS Datasheet HTML 12Page - Intersil Corporation EL2257CS Datasheet HTML 13Page - Intersil Corporation EL2257CS Datasheet HTML 14Page - Intersil Corporation EL2257CS Datasheet HTML 15Page - Intersil Corporation EL2257CS Datasheet HTML 16Page - Intersil Corporation EL2257CS Datasheet HTML 17Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
13
voltage higher than +1.5V at the inputs will be clamped and
+3V will be seen at the output. Each amplifier of the EL2257
have their own CLAMP pin, so individual clamp levels may
be set.
Figure 1 below is the EL2257 with each amplifier unity gain
connected. Amplifier A is being driven by a 3VP-P sinewave
and has 2.25V applied to CLAMPA, while amplifier B is
driven by a 3VP-P triangle wave and 1.5V is applied to
CLAMPB. The resulting output waveforms, with their outputs
being clamped is shown in Figure 2.
Figure 3 shows the output of amplifier A of the same circuit
being driven by a 0.5V to 2.75V square wave as the clamp
voltage is varied from 1.0V to 2.5V, as well as the unclamped
output signal. The rising edge of the signal is clamped to the
voltage applied to the CLAMP pin almost instantaneously.
The output recovers from the clamped mode within 5–7ns,
depending on the clamp voltage. Even when the CLAMP pin
is taken 0.2V below the minimum 1.2V specified, the output
is still clamped and recovers in about 11ns.
The clamp accuracy is affected by 1) the CLAMP pin voltage,
2) the input voltage, and 3) the load resistor. Depending
upon the application, the accuracy may be as little as a few
tens of millivolts up to a few hundred millivolts. Be sure to
allow for these inaccuracies when choosing the clamp
voltage. Curves of Clamp Accuracy vs. VCLAMP and VIN for
3 values of RL are included in the Typical Performance
Curves section.
Unlike amplifiers that clamp at the input and are therefore
limited to non-inverting applications only, the EL2257 output
clamp architecture works for both inverting and non-inverting
gain applications. There is also no maximum voltage
difference limitation between VIN and VCLAMP which is
common on input clamped architectures.
The voltage clamp operates for any voltage between +1.2V
above the GND pin, and the minimum output voltage swing,
VOP. Forcing the CLAMP pin much below +1.2V can saturate
transistors and should therefore be avoided. Forcing the
CLAMP pin above VOP simply de-activates the CLAMP
feature. In other words, one cannot expect to clamp any
voltage higher than what the EL2257 can drive to in the first
place. If the clamp feature is not desired, either let the
CLAMP pin float or connect it to the VS+ pin.
EL2257 Comparator Application
The EL2257 can be used as a very fast, single supply
comparator by utilizing the clamp feature. Most op amps
used as comparators allow only slow speed operation
because of output saturation issues. However, by applying a
DC voltage to the CLAMP pin of the EL2257, the maximum
output voltage can be clamped, thus preventing saturation.
Figure 4 is amplifier A of an EL2257 implemented as a
comparator. 2.25V DC is applied to the CLAMP pin, as well
as the IN- pin. A differential signal is then applied between
the inputs. Figure 5 shows the output square wave that
results when a ±1V, 10MHz triangular wave is applied, while
Figure 6 is a graph of propagation delay vs. overdrive as a
square wave is presented at the input.
FIGURE 1.
FIGURE 2.
FIGURE 3.
EL2257



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com