Electronic Components Datasheet Search
  English  ▼

X  

EL2257CS Datasheet(PDF) 2 Page - Intersil Corporation

Part # EL2257CS
Description  125MHz Single Supply, Clamping Op Amp
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2257CS Datasheet(HTML) 2 Page - Intersil Corporation

  EL2257CS Datasheet HTML 1Page - Intersil Corporation EL2257CS Datasheet HTML 2Page - Intersil Corporation EL2257CS Datasheet HTML 3Page - Intersil Corporation EL2257CS Datasheet HTML 4Page - Intersil Corporation EL2257CS Datasheet HTML 5Page - Intersil Corporation EL2257CS Datasheet HTML 6Page - Intersil Corporation EL2257CS Datasheet HTML 7Page - Intersil Corporation EL2257CS Datasheet HTML 8Page - Intersil Corporation EL2257CS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
Absolute Maximum Ratings (TA = 25°C)
Supply Voltage between VS and GND . . . . . . . . . . . . . . . . . . . 12.6V
Input Voltage (IN+, IN-, ENABLE, CLAMP) . . . GND–0.3V, VS+0.3V
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .±6V
Maximum Output Current. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 90mA
Output Short Circuit Duration. . . . . . . . . . . . . . . . See Note 1 page 3
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See curves
Storage Temperature Range . . . . . . . . . . . . . . . . . . -65°C to +150°C
Ambient Operating Temperature Range . . . . . . . . . . -40°C to +85°C
Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . . . +150°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
DC Electrical Specifications
VS = +5V, GND = 0V, TA = 25°C, VCM = 1.5V, VOUT = 1.5V, VCLAMP = +5V, VENABLE = +5V, unless
otherwise specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
VOS
Offset Voltage
-4
4
mV
TCVOS
Offset Voltage Temperature
Coefficient
Measured from TMIN to TMAX
10
µV/°C
IB
Input Bias Current
VIN = 0V
-5.5
-10
µA
IOS
Input Offset Current
VIN = 0V
-1100
150
+1100
nA
TCIOS
Input Bias Current Temperature
Coefficient
Measured from TMIN to TMAX
50
nA/°C
PSRR
Power Supply Rejection Ratio
VS = VENABLE = 2.7V to 12V, VCLAMP = OPEN
45
70
dB
CMRR
Common-mode Rejection Ratio
VCM = 0V to +3.8V
50
65
dB
VCM = 0V to +3.0V
55
70
dB
CMIR
Common-mode Input Range
0
VS-1.2
V
RIN
Input Resistance
Common-mode
1
2
M
Ω
CIN
Input Capacitance
SO (0.150") package
1
pF
PDIP package
1.5
pF
ROUT
Output Resistance
AV = +1
40
m
Ω
ISON
Supply Current - Enabled (per
amplifier)
VS = VCLAMP = 12V, VENABLE = 12V
5
6.5
mA
ISOFF
Supply Current - Shut-down (per
amplifier)
VS = VCLAMP = 10V, VENABLE = 0.5V
0
50
µA
VS = VCLAMP = 12V, VENABLE = 0.5V
5
µA
PSOR
Power Supply Operating Range
2.7
12.0
V
AVOL
Open Loop Gain
VS = VCLAMP = 12V, VOUT = 2V to 9V, RL = 1kΩ to GND
65
80
dB
VOUT = 1.5V to 3.5V, RL = 1kΩ to GND
70
dB
VOUT = 1.5V to 3.5V, RL = 150Ω to GND
60
dB
VOP
Positive Output Voltage Swing
VS = 12V, AV = 1, RL = 1kΩ to 0V
10.8
V
VS = 12V, AV = 1, RL = 150Ω to 0V
9.6
10.0
V
VS = ±5V, AV = 1, RL = 1kΩ to 0V
4.0
V
VS = ±5V, AV = 1, RL = 150Ω to 0V
3.4
3.8
V
VS = 3V, AV = 1, RL = 150Ω to 0V
1.8
1.95
V
VON
Negative Output Voltage Swing
VS = 12V, AV = 1, RL = 150Ω to 0V
5.5
8
mV
VS = ±5V, AV = 1, RL = 1kΩ to 0V
-4.0
V
VS = ±5V, AV = 1, RL = 150Ω to 0V
-3.7
-3.4
V
EL2257



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com