Electronic Components Datasheet Search
  English  ▼

X  

EL4089CS Datasheet(PDF) 6 Page - Intersil Corporation

Part # EL4089CS
Description  DC Restored Video Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL4089CS Datasheet(HTML) 6 Page - Intersil Corporation

  EL4089CS Datasheet HTML 1Page - Intersil Corporation EL4089CS Datasheet HTML 2Page - Intersil Corporation EL4089CS Datasheet HTML 3Page - Intersil Corporation EL4089CS Datasheet HTML 4Page - Intersil Corporation EL4089CS Datasheet HTML 5Page - Intersil Corporation EL4089CS Datasheet HTML 6Page - Intersil Corporation EL4089CS Datasheet HTML 7Page - Intersil Corporation EL4089CS Datasheet HTML 8Page - Intersil Corporation EL4089CS Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
Typical Performance Curves (Continued)
Typical Application
The EL4089 can be used to DC-restore a video waveform
(see Figure 1). The circuit forces the cable driving video
amplifier’s output to ground when the HOLD pin is at a logic
low.
The “correction voltage” is stored on capacitor CX1, an
external ceramic capacitor. The capacitor value is chosen
from the system requirements. The typical input bias current
to the video amplifier is 1µA, so for a 62µs hold time, and a
0.01µF capacitor, the output voltage drift is 6.2mV in one
line.
The S/H amplifier can provide a typical current of 300µA to
charge capacitor CX1, so with a 1.2µs sampling time, the
output can be corrected by 36mV in each line.
Using a smaller value of CX1 increases both the voltage that
can be corrected, and the drift while being held, likewise,
using a larger value of CX1, reduces the voltages.
The RX1 resistor is in the circuit purely to simulate some
external source impedance, and is not needed as a real
Frequency Response Flatness
vs CIN-; AV = 2; RF = 300Ω
Differential Gain vs DC Input
Offset; AV = 2, FO = 3.58MHz,
RL = 150Ω
Differential Phase vs DC Input
Offset; AV = 2; FO = 3.58MHz;
RL = 150Ω
8-Pin Plastic DIP
Maximum Power Dissipation
vs Ambient Temperature
8-Lead SO
Maximum Power Dissipation
vs Ambient Temperature
EL4089



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com