Electronic Components Datasheet Search
  English  ▼

X  

EL4089CS Datasheet(PDF) 7 Page - Intersil Corporation

Part # EL4089CS
Description  DC Restored Video Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL4089CS Datasheet(HTML) 7 Page - Intersil Corporation

  EL4089CS Datasheet HTML 1Page - Intersil Corporation EL4089CS Datasheet HTML 2Page - Intersil Corporation EL4089CS Datasheet HTML 3Page - Intersil Corporation EL4089CS Datasheet HTML 4Page - Intersil Corporation EL4089CS Datasheet HTML 5Page - Intersil Corporation EL4089CS Datasheet HTML 6Page - Intersil Corporation EL4089CS Datasheet HTML 7Page - Intersil Corporation EL4089CS Datasheet HTML 8Page - Intersil Corporation EL4089CS Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
component. Likewise for RX2. The 75
Ω back terminating
resistor RXT is recommended when driving 75
Ω cables.
The board layout should have a ground plane underneath
the EL4089, with the ground plane cut away from the vicinity
of the VIN- pin, (pin 1). This helps to minimize the stray
capacitance on pin 1.
Power supply bypassing is important, and a 0.1µF ceramic
capacitor, from each power pin to ground, placed very close
to the power pins, together with a 4.7µF tantalum bead
capacitor, is recommended.
When both digital and analog grounds are on the same
board, the EL4089 should be on the analog ground. The
digital ground can be connected to the Analog ground
through a 100
Ω-300Ω resistor, near the EL4089. This allows
the digital signal a return path, while preventing the digital
noise from corrupting the analog ground.
For best results the source impedance should be kept low,
using a buffer for example.
The S/H amplifier is current output and causes a small load
on the input source during sampling. When sampling is done
on the back porch with color burst there will be a small load
on the color burst. Therefore for best performance, the input
should be driven from an amplifier output or a 75
Ω cable with
75
Ω termination.
TABLE OF CHARGE STORAGE CAPACITOR VS DROOP
CHARGING RATES (NOTE)
CAP VALUE
nF
DROOP IN
60µs
mV
CHARGE IN
1.2µs
mV
CHARGE IN
4µs
mV
10
6
36
120
33
1.8
11
36
100
0.6
3.6
12
NOTE: Basic formulae are: V (droop) = Ib+ * (Line time - Sample
time) / Capacitor and V (charge) = IOUT * Sample time / Capacitor
FIGURE 1.
EL4089



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com