Electronic Components Datasheet Search
  English  ▼

X  

EL4089CS Datasheet(PDF) 8 Page - Intersil Corporation

Part # EL4089CS
Description  DC Restored Video Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL4089CS Datasheet(HTML) 8 Page - Intersil Corporation

  EL4089CS Datasheet HTML 1Page - Intersil Corporation EL4089CS Datasheet HTML 2Page - Intersil Corporation EL4089CS Datasheet HTML 3Page - Intersil Corporation EL4089CS Datasheet HTML 4Page - Intersil Corporation EL4089CS Datasheet HTML 5Page - Intersil Corporation EL4089CS Datasheet HTML 6Page - Intersil Corporation EL4089CS Datasheet HTML 7Page - Intersil Corporation EL4089CS Datasheet HTML 8Page - Intersil Corporation EL4089CS Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
EL4089 Macromodel
* Connections:
VIN-
*
|
VIN+
*
|
|
Ref
*
|
|
|
Hold
*
|
|
|
|
-Vsupply
*
|
|
|
|
|
VOUT
*
|
|
|
|
|
|
+Vsupply
*
|
|
|
|
|
|
|
.subckt EL4089/EL 1
2
3
4
6
7
8
******** Restore section
g10 2 0 xx 0 430u
e10 yy 0 WW 3 4.66
Rfl 7 ww 8K
Cfl ww 0 20p
Rd yy ss 100
d10 xx 0 dd
d20 0 xx dd
s1 xx ss 4 0 swno
s2 0 xx 4 0 swnc
rsl 3 0 999K
Rhh 4 0 100K
.model swno vswitch (von=0.8 voff=2.4)
.model swnc vswitch (von=2.4 voff=0.8)
**********************
* Input Stage
e1 10 0 2 0 1.0
vis 10 9 0V
h2 9 12 Vxx 1.0
r1 1 11 20
I1 11 12 20nH
iinp 2 0 1u
iinn 1 0 18u
r12 2 0 2MEG
* Slew Rate Limiting
H1 13 0 vis 600
r2 13 14 1k
d1 14 0 dd
d2 0 14 dd
* High Frequency Pole
e2 30 0 14 0 0.00166666666
I3 30 17 1.47u
c5 17 0 0.47p
r5 17 0 700
* Transimpedance Stage
g1 0 18 17 0 1.0
rol 18 0 800k
cdp 18 0 11p
* Output Stage
q1 6 18 19 qp
q2 8 18 20 qn
q3 8 19 21 qn
q4 6 29=0 22 qp
r7 21 7 3
r8 22 7 3
ios1 8 19 2mA
iso2 20 6 2mA
*Supply Current
ips 8 6 6.5mA
*Error Term
EL4089



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com