Electronic Components Datasheet Search
  English  ▼

X  

EL4095CS Datasheet(PDF) 3 Page - Intersil Corporation

Part # EL4095CS
Description  Video Gain Control/Fader/Multiplexer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL4095CS Datasheet(HTML) 3 Page - Intersil Corporation

  EL4095CS Datasheet HTML 1Page - Intersil Corporation EL4095CS Datasheet HTML 2Page - Intersil Corporation EL4095CS Datasheet HTML 3Page - Intersil Corporation EL4095CS Datasheet HTML 4Page - Intersil Corporation EL4095CS Datasheet HTML 5Page - Intersil Corporation EL4095CS Datasheet HTML 6Page - Intersil Corporation EL4095CS Datasheet HTML 7Page - Intersil Corporation EL4095CS Datasheet HTML 8Page - Intersil Corporation EL4095CS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3
Closed-Loop AC Electrical Specifications
VS = ±15V, AV = +1, RF = RIN = 1kΩ, RL = 500Ω, CL = 15pF, CIN- = 2pF, TA = 25°C,
AV = 100% unless otherwise noted
PARAMETER
DESCRIPTION
LIMITS
UNITS
MIN
TYP
MAX
SR
Slew Rate; VOUT from -3V to +3V
Measured at -2V and +2V
330
V/µs
BW
Bandwidth
-3dB
60
MHz
-1dB
30
MHz
-0.1dB
6
MHz
dG
Differential Gain; AC Amplitude of 286mVP-P at 3.58MHz
on DC Offset of -0.7V, 0V and +0.7V
AV = 100%
0.02
%
AV = 50%
0.07
%
AV = 25%
0.07
%
d
θ
Differential Phase; AC Amplitude of 286mVP-P at
3.58MHz on DC Offset of -0.7V, 0V and +0.7V
AV = 100%
0.02
°
AV = 50%
0.05
°
AV = 25%
0.15
°
TS
Settling Time to 0.2%; VOUT from -2V to +2V
AV = 100%
100
ns
AV = 25%
100
ns
TFORCE
Propagation Delay from VFORCE = 1.4V to 50%
Output Signal Enabled or Disabled Amplitude
25
ns
BW, Gain
-3dB Gain Control Bandwidth,
VGAIN Amplitude 0.5 VP-P
20
MHz
TREC, Gain
Gain Control Recovery from Overload; VGAIN from -0.7V
to 0V
70
ns
EL4095



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com