Electronic Components Datasheet Search
  English  ▼

X  

EL4095CS Datasheet(PDF) 11 Page - Intersil Corporation

Part # EL4095CS
Description  Video Gain Control/Fader/Multiplexer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL4095CS Datasheet(HTML) 11 Page - Intersil Corporation

Back Button EL4095CS Datasheet HTML 7Page - Intersil Corporation EL4095CS Datasheet HTML 8Page - Intersil Corporation EL4095CS Datasheet HTML 9Page - Intersil Corporation EL4095CS Datasheet HTML 10Page - Intersil Corporation EL4095CS Datasheet HTML 11Page - Intersil Corporation EL4095CS Datasheet HTML 12Page - Intersil Corporation EL4095CS Datasheet HTML 13Page - Intersil Corporation EL4095CS Datasheet HTML 14Page - Intersil Corporation EL4095CS Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
11
Stray capacitance at each -VIN terminal should absolutely be
minimized, especially in a positive-gain mode, or peaking will
occur. Similarly, the load capacitance should be minimized. If
more than 25pF of load capacitance must be driven, a load
resistor from 100
Ω to 400Ω can be added in parallel with the
output to reduce peaking, but some bandwidth degradation
may occur. A “snubber” load can alternatively be used. This
is a resistor in series with a capacitor to ground, 150
Ω and
100pF being typical values. The advantage of a snubber is
that it does not draw DC load current. A small series resistor,
low tens of ohms, can also be used to isolate reactive loads.
Distortion
The signal voltage range of the +VIN terminals is within 3.5V
of either supply rail.
One must also consider the range of error currents that will
be handled by the -VIN terminals. Since the -VIN of a CFA is
the output of a buffer which replicates the voltage at +VIN,
error currents will flow into the -VIN terminal. When an input
channel has 100% gain assigned to it, only a small error
current flows into its negative input; when low gain is
assigned to the channel the output does not respond to the
channel’s signal and large error currents flow.
Here are a few idealized examples, based on a gain of +1 for
channels A and B and RF = 1kΩ for different gain settings:
Thus, either -VIN can receive up to 1mA error current for 1V
of input signal and 1k
Ω feedback resistors. The maximum
error current is 3mA for the EL4095, but 2mA is more
realistic. The major contributor of distortion is the magnitude
of error currents, even more important than loading effects.
The performance curves show distortion versus input
amplitude for different gains.
If maximum bandwidth is not required, distortion can be
reduced greatly (and signal voltage range enlarged) by
increasing the value of RF and any associated gain-setting
resistor.
FIGURE 1. EL4095 IN INVERTING CONNECTION
Gain
VINA
VINB
I (-VINA)I (-VINB)VOUT
100%
1V
0
0
1mA
1V
75%
1V
0
-250µA
750µA
0.75V
50%
1V
0
-500µA
500µA
0.5V
25%
1V
0
-750µA
250µA
0.25V
0%
1V
0
-1mA
0
0V
EL4095



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com