Electronic Components Datasheet Search
  English  ▼

X  

EL4095CS Datasheet(PDF) 17 Page - Intersil Corporation

Part # EL4095CS
Description  Video Gain Control/Fader/Multiplexer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL4095CS Datasheet(HTML) 17 Page - Intersil Corporation

Back Button EL4095CS Datasheet HTML 11Page - Intersil Corporation EL4095CS Datasheet HTML 12Page - Intersil Corporation EL4095CS Datasheet HTML 13Page - Intersil Corporation EL4095CS Datasheet HTML 14Page - Intersil Corporation EL4095CS Datasheet HTML 15Page - Intersil Corporation EL4095CS Datasheet HTML 16Page - Intersil Corporation EL4095CS Datasheet HTML 17Page - Intersil Corporation EL4095CS Datasheet HTML 18Page - Intersil Corporation EL4095CS Datasheet HTML 19Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
17
Thus, for a gain of three or more the fader has a noise as
good as an op-amp. The only trade-off is that the dynamic
range of the input is reduced by the gain due to the
nonlinearity caused by gained-up output signals.
Power Dissipation
Peak die temperature must not exceed 150°C. This allows
75°C internal temperature rise for a 75°C ambient. The
EL4095 in the 14-pin PDIP package has a thermal
resistance of 65°C/W, and can thus dissipate 1.15W at a
75°C ambient temperature. The device draws 20mA
maximum supply current, only 600mW at ±15V supplies, and
the circuit has no dissipation problems in this package.
The SO-14 surface-mount package has a 105°C/W thermal
resistance with the EL4095, and only 714mW can be
dissipated at 75°C ambient temperature. The EL4095 thus
can be operated with ±15V supplies at 75°C, but additional
dissipation caused by heavy loads must be considered. If
this is a problem, the supplies should be reduced to ±5V to
±12V levels.
The output will survive momentary short-circuits to ground,
but the large available current will overheat the die and also
potentially destroy the circuit’s metal traces. The EL4095 is
reliable within its maximum average output currents and
operating temperatures.
EL4095 Macromodel
This macromodel is offered to allow simulation of general
EL4095 behavior. We have included these characteristics:
These will give a good range of results of various operating
conditions, but the macromodel does not behave identically
as the circuit in these areas:
Small-signal frequency response Signal path DC distortions
Output loading effects
VGAIN I-V characteristics
Input impedance
VGAIN overdrive recovery delay
Off-channel feedthrough
100% gain error
Output impedance over
frequency
FORCE operation
-VIN characteristics and
sensitivity to parasitic
capacitance
Temperature effects
Manufacturing tolerances
Signal overload effects
Supply voltage effects
Signal and VG operating range
Slewrate limitations
Current-limit
Noise
Video and high-frequency distortions Power supply interactions
Glitch and delay from FORCE inputs
EL4095



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com