Electronic Components Datasheet Search
  English  ▼

X  

SCM2007MKF Datasheet(PDF) 39 Page - Sanken electric

Part # SCM2007MKF
Description  600 V, 20 A to 30 A 3-phase Brushless Motor Driver ICs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SCM2007MKF Datasheet(HTML) 39 Page - Sanken electric

Back Button SCM2007MKF Datasheet HTML 35Page - Sanken electric SCM2007MKF Datasheet HTML 36Page - Sanken electric SCM2007MKF Datasheet HTML 37Page - Sanken electric SCM2007MKF Datasheet HTML 38Page - Sanken electric SCM2007MKF Datasheet HTML 39Page - Sanken electric SCM2007MKF Datasheet HTML 40Page - Sanken electric SCM2007MKF Datasheet HTML 41Page - Sanken electric SCM2007MKF Datasheet HTML 42Page - Sanken electric SCM2007MKF Datasheet HTML 43Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
SCM2000MKF Series
SCM2000MKF-DSE Rev.1.0
SANKEN ELECTRIC CO., LTD
39
Nov. 12, 2018
https://www.sanken-ele.co.jp/en
© SANKEN ELECTRIC CO., LTD. 2018
15.4.2. SCM2008MKF
Figure 15-42.
Allowable Effective Current (fC = 2 kHz): SCM2008MKF
Figure 15-43.
Allowable Effective Current (fC = 16 kHz): SCM2008MKF
0
5
10
15
20
25
30
25
50
75
100
125
150
T
C (°C)
f
C = 2 kHz
0
5
10
15
20
25
30
25
50
75
100
125
150
T
C (°C)
f
C = 16 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com