Electronic Components Datasheet Search
  English  ▼

X  

SCM2007MKF Datasheet(PDF) 32 Page - Sanken electric

Part # SCM2007MKF
Description  600 V, 20 A to 30 A 3-phase Brushless Motor Driver ICs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SCM2007MKF Datasheet(HTML) 32 Page - Sanken electric

Back Button SCM2007MKF Datasheet HTML 28Page - Sanken electric SCM2007MKF Datasheet HTML 29Page - Sanken electric SCM2007MKF Datasheet HTML 30Page - Sanken electric SCM2007MKF Datasheet HTML 31Page - Sanken electric SCM2007MKF Datasheet HTML 32Page - Sanken electric SCM2007MKF Datasheet HTML 33Page - Sanken electric SCM2007MKF Datasheet HTML 34Page - Sanken electric SCM2007MKF Datasheet HTML 35Page - Sanken electric SCM2007MKF Datasheet HTML 36Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
SCM2000MKF Series
SCM2000MKF-DSE Rev.1.0
SANKEN ELECTRIC CO., LTD
32
Nov. 12, 2018
https://www.sanken-ele.co.jp/en
© SANKEN ELECTRIC CO., LTD. 2018
Figure 15-10.
Logic Operation Stop Voltage, VCC(OFF)
vs. TC
Figure 15-11.
UVLO_VB Filtering Time vs. TC
Figure 15-12.
UVLO_VCC Filtering Time vs. TC
Figure 15-13.
Input Current at High Level (HINx or
LINx), IIH vs. TC
Figure 15-14.
High Level Input Signal Threshold
Voltage, VIH vs. TC
Figure 15-15.
Low Level Input Signal Threshold
Voltage, VIL vs. TC
9.0
9.2
9.4
9.6
9.8
10.0
10.2
10.4
10.6
10.8
11.0
-30
0
30
60
90
120
150
T
C (°C)
Max.
Typ.
Min.
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
-30
0
30
60
90
120
150
T
C (°C)
Max.
Typ.
Min.
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
-30
0
30
60
90
120
150
T
C (°C)
Max.
Typ.
Min.
0
50
100
150
200
250
300
350
400
450
500
-30
0
30
60
90
120
150
T
C (°C)
INHx or INLx = 5 V
Max.
Typ.
Min.
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
-30
0
30
60
90
120
150
T
C (°C)
Max.
Typ.
Min.
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
-30
0
30
60
90
120
150
T
C (°C)
Max.
Typ.
Min.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com