Electronic Components Datasheet Search
  English  ▼

X  

SCM2007MKF Datasheet(PDF) 13 Page - Sanken electric

Part # SCM2007MKF
Description  600 V, 20 A to 30 A 3-phase Brushless Motor Driver ICs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SCM2007MKF Datasheet(HTML) 13 Page - Sanken electric

Back Button SCM2007MKF Datasheet HTML 9Page - Sanken electric SCM2007MKF Datasheet HTML 10Page - Sanken electric SCM2007MKF Datasheet HTML 11Page - Sanken electric SCM2007MKF Datasheet HTML 12Page - Sanken electric SCM2007MKF Datasheet HTML 13Page - Sanken electric SCM2007MKF Datasheet HTML 14Page - Sanken electric SCM2007MKF Datasheet HTML 15Page - Sanken electric SCM2007MKF Datasheet HTML 16Page - Sanken electric SCM2007MKF Datasheet HTML 17Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
SCM2000MKF Series
SCM2000MKF-DSE Rev.1.0
SANKEN ELECTRIC CO., LTD
13
Nov. 12, 2018
https://www.sanken-ele.co.jp/en
© SANKEN ELECTRIC CO., LTD. 2018
8.
Pin Configuration Definitions
Top view
Pin Number
Pin Name
Description
1
OCP
Overcurrent protection signal input
2
COM2
Logic ground 2
3
SELECT
OCP hold time setting
4
—
(Pin removed)
5
FO
Fault signal output and shutdown signal input
6
LIN1
Logic input for U-phase low-side gate driver
7
LIN2
Logic input for V-phase low-side gate driver
8
LIN3
Logic input for W-phase low-side gate driver
9
SD
Overvoltage protection signal input
10
VCC2
Low-side logic supply voltage input
11
COM1
Logic ground 1
12
VCC1
High-side logic supply voltage input
13
HIN1
Logic input for U-phase high-side gate driver
14
HIN2
Logic input for V-phase high-side gate driver
15
HIN3
Logic input for W-phase high-side gate driver
16
COM1
(Pin trimmed) logic ground 1
17
VB3
W-phase high-side floating supply voltage input
18
HS3
W-phase high-side floating supply ground
19
—
(Pin removed)
20
—
(Pin removed)
21
VB2
V-phase high-side floating supply voltage input
22
HS2
V-phase high-side floating supply ground
23
VB1
U-phase high-side floating supply voltage input
24
HS1
U-phase high-side floating supply ground
25
THM1
Thermistor output 1
26
THM2
Thermistor output 2
27
VBB
Positive DC bus supply voltage
28
U
U-phase output
29
V
V-phase output
30
W
W-phase output
31
LS1
U-phase IGBT emitter
32
LS2
V-phase IGBT emitter
33
LS3
W-phase IGBT emitter
1
33
25
24
1
33
25
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com