Electronic Components Datasheet Search
  English  ▼

X  

RHF310A Datasheet(PDF) 6 Page - STMicroelectronics

Part # RHF310A
Description  Rad-hard 400 μA high-speed operational amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHF310A Datasheet(HTML) 6 Page - STMicroelectronics

Back Button RHF310A Datasheet HTML 2Page - STMicroelectronics RHF310A Datasheet HTML 3Page - STMicroelectronics RHF310A Datasheet HTML 4Page - STMicroelectronics RHF310A Datasheet HTML 5Page - STMicroelectronics RHF310A Datasheet HTML 6Page - STMicroelectronics RHF310A Datasheet HTML 7Page - STMicroelectronics RHF310A Datasheet HTML 8Page - STMicroelectronics RHF310A Datasheet HTML 9Page - STMicroelectronics RHF310A Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
4
Electrical characteristic curves
Figure 2. Frequency response, positive gain
1M
10M
100M
-10
-8
-6
-4
-2
0
2
4
6
8
10
12
14
16
18
20
22
24
Gain=+1
Gain=+2
Gain=+4
Small Signal
Vcc=5V
Load=1k
Gain=+10
Frequency (Hz)
Ώ
Figure 3. Frequency response vs. capa-load
1M
10M
100M
-10
-8
-6
-4
-2
0
2
4
6
8
10
C-Load=4.7pF
R-iso=0
+
-
3k
3k
Vin
Vout
Gain=+2, Vcc=5V,
Small Signal
1k
C-Load
R-iso
+
-
3k
3k
Vin
Vout
Gain=+2, Vcc=5V,
Small Signal
1k
C-Load
R-iso
C-Load=10pF
R-iso=33 ohms
C-Load=22pF
R-iso=47ohms
Frequency (Hz)
Figure 4. Output amplitude vs. load
10
100
1k
10k
100k
2.0
2.5
3.0
3.5
4.0
Load (ohm s )
Figure 5. Input voltage noise vs. frequency
Ga in=32d B
R g=12o hm s
R fb=510o hm s
non- inve rting inpu t in sh ort-circuit
Vcc= 5V
Figure 6. Distortion at 1 MHz
0
1
2
3
4
-100
-90
-80
-70
-60
-50
-40
-30
-20
H2
H3
Vcc=5V
F=1MHz
Load=1k
Outp ut (Vp-p)
Ω
Figure 7. Distortion at 10 MHz
0
1
2
3
4
-80
-70
-60
-50
-40
-30
-20
-10
0
H2
H3
Vcc=5V
F=10MHz
Load=1kΩ
Outp ut (Vp-p)
RHF310A
Electrical characteristic curves
DS6201 - Rev 7
page 6/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com