Electronic Components Datasheet Search
  English  ▼

X  

RHF310A Datasheet(PDF) 2 Page - STMicroelectronics

Part # RHF310A
Description  Rad-hard 400 μA high-speed operational amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHF310A Datasheet(HTML) 2 Page - STMicroelectronics

  RHF310A Datasheet HTML 1Page - STMicroelectronics RHF310A Datasheet HTML 2Page - STMicroelectronics RHF310A Datasheet HTML 3Page - STMicroelectronics RHF310A Datasheet HTML 4Page - STMicroelectronics RHF310A Datasheet HTML 5Page - STMicroelectronics RHF310A Datasheet HTML 6Page - STMicroelectronics RHF310A Datasheet HTML 7Page - STMicroelectronics RHF310A Datasheet HTML 8Page - STMicroelectronics RHF310A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
1
Pin description
Figure 1. Pin connections of ceramic Flat-8 (top view)
NC
+VCC
NC
OUT
-
VCC
NC
IN-
IN+
1
4
8
5
_
+
(1)
1.
The upper metallic lid is electrically connected to pin 5
RHF310A
Pin description
DS6201 - Rev 7
page 2/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com